Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C17API-20T Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT28C17API-20T
Description  16 kb CMOS Parallel EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17API-20T Datasheet(HTML) 4 Page - ON Semiconductor

  CAT28C17API-20T Datasheet HTML 1Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 2Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 3Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT28C17A
http://onsemi.com
4
Table 4. RELIABILITY CHARACTERISTICS (Note 4)
Symbol
Parameter
Test Method
Min
Max
Units
NEND
Endurance
MIL−STD−883, Test Method 1033
10,000
Cycles/Byte
TDR
Data Retention
MIL−STD−883, Test Method 1008
10
Years
VZAP
ESD Susceptibility
MIL−STD−883, Test Method 3015
2,000
V
ILTH (Note 5)
Latch−Up
JEDEC Standard 17
100
mA
4. This parameter is tested initially and after a design or process change that affects the parameter.
5. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V.
Table 5. D.C. OPERATING CHARACTERISTICS (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
ICC
VCC Current (Operating, TTL)
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
35
mA
ICCC (Note 6)
VCC Current (Operating, CMOS)
CE = OE = VILC,
f = 1/tRC min, All I/O’s Open
25
mA
ISB
VCC Current (Standby, TTL)
CE = VIH, All I/O’s Open
1
mA
ISBC (Note 7)
VCC Current (Standby, CMOS)
CE = VIHC, All I/O’s Open
100
mA
ILI
Input Leakage Current
VIN = GND to VCC
−10
10
mA
ILO
Output Leakage Current
VOUT = GND to VCC,
CE = VIH
−10
10
mA
VIH (Note 7)
High Level Input Voltage
2
VCC + 0.3
V
VIL (Note 6)
Low Level Input Voltage
−0.3
0.8
V
VOH
High Level Output Voltage
IOH = −400 mA
2.4
V
VOL
Low Level Output Voltage
IOL = 2.1 mA
0.4
V
VWI
Write Inhibit Voltage
3.0
V
6. VILC = −0.3 V to +0.3 V
7. VIHC = VCC −0.3 V to VCC + 0.3 V
Table 6. A.C. CHARACTERISTICS, READ CYCLE (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
28C17A−20
Units
Min
Max
tRC
Read Cycle Time
200
ns
tCE
CE Access Time
200
ns
tAA
Address Access Time
200
ns
tOE
OE Access Time
80
ns
tLZ (Note 8)
CE Low to Active Output
0
ns
tOLZ (Note 8)
OE Low to Active Output
0
ns
tHZ (Notes 8, 9)
CE High to High−Z Output
55
ns
tOHZ (Notes 8, 9)
OE High to High−Z Output
55
ns
tOH (Note 8)
Output Hold from Address Change
0
ns
8. This parameter is tested initially and after a design or process change that affects the parameter.
9. Output floating (High−Z) is defined as the state when the external data line is no longer driven by the output buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com