Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C17API-20T Datasheet(PDF) 12 Page - ON Semiconductor

Part # CAT28C17API-20T
Description  16 kb CMOS Parallel EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17API-20T Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CAT28C17API-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 9Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 10Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 11Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CAT28C17A
http://onsemi.com
12
Example of Ordering Information
Prefix
Device #
Suffix
Company ID
CAT
28C17A
N
Product Number
28C17A
I
− 20
T
Package
Blank = Commercial (0°C to +70°C)
I = Industrial (−40°C to +85°C)
A = Automotive (−40°C to +105°C) (Note 15)
Temperature Range
P: PDIP (Note 14)
N: PLCC (Note 14)
J: SOIC (JEDEC) (Note 14)
K: SOIC (EIAJ) (Note 14)
L: PDIP (Lead Free, Halogen Free)
G: PLCC (Lead Free, Halogen Free)
W: SOIC (JEDEC) (Lead Free, Halogen Free)
X: SOIC (EIAJ) (Lead Free, Halogen Free)
T: Tape & Reel
Speed
20: 200 ns
Tape & Reel (Note 16)
(Optional)
13.The device used in the above example is a CAT28C17ANI−20T (PLCC, Industrial Temperature, 200 ns Access Time, Tape & Reel).
14.Solder−plate (tin−lead) packages, contact Factory for availability.
15.−40°C to +125°C is available upon request.
16.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAT28C17A/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com