Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND670SP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND670SP
Description  Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND670SP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND670SP Datasheet HTML 5Page - STMicroelectronics VND670SP Datasheet HTML 6Page - STMicroelectronics VND670SP Datasheet HTML 7Page - STMicroelectronics VND670SP Datasheet HTML 8Page - STMicroelectronics VND670SP Datasheet HTML 9Page - STMicroelectronics VND670SP Datasheet HTML 10Page - STMicroelectronics VND670SP Datasheet HTML 11Page - STMicroelectronics VND670SP Datasheet HTML 12Page - STMicroelectronics VND670SP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VND670SP
Electrical specifications
9/20
Figure 4.
Test conditions for high-side switching times measurement
Table 10.
Enable
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VENL
Enable low level voltage
Normal operation
(DIAGX/ENX pin acts
as an input pin)
1.5
V
IENL
Enable pin current
VEN = 1.5 V
1
µA
VENH
Enable high level voltage
Normal operation
(DIAGX/ENX pin acts
as an input pin)
3.25
V
IENH
Enable pin current
VEN = 3.25 V
10
µA
VEHYST
Enable hysteresis voltage
Normal operation
(DIAGX/ENX pin acts
as an input pin)
0.5
V
VENCL
Enable clamp voltage
IEN = 1mA
IEN = -1mA
6.0
-1.0
6.8
-0.7
8.0
-0.3
V
V
VDIAG
Enable output low level
voltage
Fault operation
(DIAGX/ENX pin acts
as an input pin)
IEN = 1.6 mA
0.4
V
t
t
VOUTA, B
VINA, B
80%
10%
(dVOUT/dt)off
(dVOUT/dt)on
td(on)
td(off)
90%
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com