Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND670SP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND670SP
Description  Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND670SP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND670SP Datasheet HTML 7Page - STMicroelectronics VND670SP Datasheet HTML 8Page - STMicroelectronics VND670SP Datasheet HTML 9Page - STMicroelectronics VND670SP Datasheet HTML 10Page - STMicroelectronics VND670SP Datasheet HTML 11Page - STMicroelectronics VND670SP Datasheet HTML 12Page - STMicroelectronics VND670SP Datasheet HTML 13Page - STMicroelectronics VND670SP Datasheet HTML 14Page - STMicroelectronics VND670SP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
VND670SP
Application information
11/20
3
Application information
Figure 7.
Typical application circuit for DC to 10 KHz PWM operation
Note:
1
Reverse battery protection: series relay in VCC line: Rgnd=0 Ohms; series fuse in VCC line
with antiparallel diode between ground and VCC: Rgnd=10 Ohms.
2
Layout hints: the connection between GND pin of the VN670SP and the Power MOSFET
SOURCE connections should be kept short enough to ensure that the dynamic difference
between these two points never exceed 1V for the bridge to operate properly.
M
UP
DOWN
OUTA
OUTB
GATEB
GATEA
External Power Mos A
External Power Mos B
VND670SP
DIAGA/ENA
R1
+5V
VCC
PWM
GND
Rgnd(*)
Rprot
Rprot
Rprot
INA
1K
1K
1K
DIAGB/ENB
R1
+5V
Rprot
Rprot
INB
1K
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com