Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND670SP Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND670SP
Description  Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND670SP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND670SP Datasheet HTML 9Page - STMicroelectronics VND670SP Datasheet HTML 10Page - STMicroelectronics VND670SP Datasheet HTML 11Page - STMicroelectronics VND670SP Datasheet HTML 12Page - STMicroelectronics VND670SP Datasheet HTML 13Page - STMicroelectronics VND670SP Datasheet HTML 14Page - STMicroelectronics VND670SP Datasheet HTML 15Page - STMicroelectronics VND670SP Datasheet HTML 16Page - STMicroelectronics VND670SP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
VND670SP
Application information
13/20
3.2
Fault conditions
In case of a fault conditions the DIAGX/ENX pin is considered as an output pin by the device.
The fault conditions are:
●
overtemperature on one or both high-sides;
●
short to battery condition on the output (saturation detection on the external connected
Power MOSFET).
Possible origins of fault conditions may be:
●
OUTA is shorted to ground ---> overtemperature detection on high-side A.
●
OUTA is shorted to VCC ---> external Power MOSFET saturation detection (driven by
GATEA).
When a fault condition is detected, the user can know which power element is in fault by
monitoring the INA, INB, DIAGA/ENA and DIAGB/ENB pins.
In any case, when a fault is detected, the faulty half bridge is latched off. To turn-on the
respective output (GATEX or OUTX) again, the input signal must rise from low to high level.
3.3
Test mode
The PWM pin allows to test the load connection between two half-bridges. In the test mode
(Vpwm=-2V) the external Power Mos gate drivers are disabled. The INA or INB inputs allow to
turn-on the high-side A or B, respectively, in order to connect one side of the load at VCC
voltage. The check of the voltage on the other side of the load allow to verify the continuity of
the load connection. In case of load disconnection the DIADX/ENX pin corresponding to the
faulty output is pulled down.
Table 12.
Truth table in fault conditions (detected on OUTA)
INA
INB
DIAGA/ENA DIAGB/ENB
OUTA
OUTB
GATEA
GATEB
11
0
1
Open
H
L
L
1
0
0
1
Open
Open
L
L
01
0
1
Open
H
L
L
0
0
0
1
Open
Open
L
L
X
X
0
0
Open
Open
L
L
1
X
0
0
Open
Open
L
L
0
X
0
0
Open
Open
L
L
X1
0
1
Open
H
L
L
X
0
0
1
Open
Open
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com