Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND670SP Datasheet(PDF) 12 Page - STMicroelectronics

Part # VND670SP
Description  Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND670SP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VND670SP Datasheet HTML 8Page - STMicroelectronics VND670SP Datasheet HTML 9Page - STMicroelectronics VND670SP Datasheet HTML 10Page - STMicroelectronics VND670SP Datasheet HTML 11Page - STMicroelectronics VND670SP Datasheet HTML 12Page - STMicroelectronics VND670SP Datasheet HTML 13Page - STMicroelectronics VND670SP Datasheet HTML 14Page - STMicroelectronics VND670SP Datasheet HTML 15Page - STMicroelectronics VND670SP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application information
VND670SP
12/20
Figure 8.
Typical application circuit for a 20 KHz PWM operation
Note:
1
Reverse battery protection: series relay in VCC line: Rgnd = 0 Ohms; series fuse in VCC line
with antiparallel diode between ground and VCC: Rgnd=10 Ohms.
3.1
Normal operating conditions
Note:
1
In normal operating conditions the DIAGX/ENX pin is considered as an input pin by the
device. This pin must be externally pulled high.
2
PWM pin usage:
In all cases, a “0” on the PWM pin will turn-off both GATEA and GATEB outputs. When PWM
rises back to “1”, GATEA or GATEB turn on again depending on the input pin state.
M
UP
DOWN
OUTA
OUTB
GATEB
GATEA
External
VND670SP
VCC
PWM
Power Mos A
External
Power Mos B
DIAGB/ENB
R1
+5V
Rprot
Rprot
INB
1K
1K
Rprot
INA
1K
DIAGA/ENA
R1
+5V
Rprot
1K
Rprot
1K
Rgnd(*)
D1
D2
27
Ω
27
Ω
Table 11.
Truth table in normal operating conditions
INA
INB
DIAGA/ENA
DIAGB/ENB
OUTA
OUTB
GATEA GATEB
Comment
1
1
1
1
H
H
L
L
Brake to VCC
1
0
1
1
H
L
L
H
Clockwise
0
1
1
1
L
H
H
L
Counter cw
0
0
1
1
L
L
H
H
Brake to GND
X
X
0
0
L
L
L
L
Stand by
1X
1
0
H
L
L
L
HSA only
0X
1
0
L
L
H
L
MOSA only
X1
0
1
L
H
L
L
HSB only
X0
0
1
L
L
L
H
MOSB only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com