Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH511
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH511_07 Datasheet HTML 4Page - STMicroelectronics TSH511_07 Datasheet HTML 5Page - STMicroelectronics TSH511_07 Datasheet HTML 6Page - STMicroelectronics TSH511_07 Datasheet HTML 7Page - STMicroelectronics TSH511_07 Datasheet HTML 8Page - STMicroelectronics TSH511_07 Datasheet HTML 9Page - STMicroelectronics TSH511_07 Datasheet HTML 10Page - STMicroelectronics TSH511_07 Datasheet HTML 11Page - STMicroelectronics TSH511_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
TSH511
8/25
THDOD
Distortion in power amplifier mode
With decoupling capacitor
CDEC = 1µF/ceramic on pin
28, Pout = 20 mW, ZL = 16Ω
0.35
0.8
%
VISOL
Crosstalk: isolation between the two
audio buffers
Pout = 20 mW, ZL = 16Ω
51
dB
Standby
VSTBY_L
Low level input voltage of Standby
inputs (Pins 31 and 32)
0.1xVCC
V
VSTBY_H
High level input voltage of Standby
inputs (Pins 31 and 32)
0.9xVCC
V
TON
Turn-on time from Standby mode to
Active mode
0.5
µs
TOFF
Turn-off time from Active mode to
Standby mode
0.5
µs
Table 4.
VCC = 2.7V, Tamb = 25°C, faudio = 1kHz, fcarrier = 2.8MHz, frequency deviation = +/-75kHz
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com