Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSH511
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSH511_07 Datasheet HTML 11Page - STMicroelectronics TSH511_07 Datasheet HTML 12Page - STMicroelectronics TSH511_07 Datasheet HTML 13Page - STMicroelectronics TSH511_07 Datasheet HTML 14Page - STMicroelectronics TSH511_07 Datasheet HTML 15Page - STMicroelectronics TSH511_07 Datasheet HTML 16Page - STMicroelectronics TSH511_07 Datasheet HTML 17Page - STMicroelectronics TSH511_07 Datasheet HTML 18Page - STMicroelectronics TSH511_07 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TSH511
Application information
15/25
Figure 22.
Stereo headphone application diagram
7.2
Multimedia application
Headset side
As shown in Figure 23, the TSH511 receives the hi-fi stereo sound from the computer
through 2.3MHz and 2.8MHz stereo infrared carriers. The access pins to the RF amplifiers
allow the use of a 1.7MHz reject filter to cancel the transmitted signal of the microphone.
The wide supply range (2.3V to 5.5V) allows battery operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com