Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH511
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH511_07 Datasheet HTML 10Page - STMicroelectronics TSH511_07 Datasheet HTML 11Page - STMicroelectronics TSH511_07 Datasheet HTML 12Page - STMicroelectronics TSH511_07 Datasheet HTML 13Page - STMicroelectronics TSH511_07 Datasheet HTML 14Page - STMicroelectronics TSH511_07 Datasheet HTML 15Page - STMicroelectronics TSH511_07 Datasheet HTML 16Page - STMicroelectronics TSH511_07 Datasheet HTML 17Page - STMicroelectronics TSH511_07 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Application information
TSH511
14/25
7
Application information
This section provides application information for some typical applications.
7.1
Infrared stereo headphone application
The right side of Figure 21 shows the block diagram of an infrared stereo receiver using the
TSH511. The sensitive LNA, directly connected to the photo diode, does not require an
external pre-amplifier. After filtering, the amplified signals are limited and demodulated with
quadrature demodulators. The two integrated audio buffers directly drive the stereo
headphones. The audio power reaches 2x20mW in two 16Ω loads. The built-in squelch
function fades out the audio when the incoming infrared signal is low. The standby inputs
SBY1 and SBY2 enable only one receiver for the mono applications.
Figure 21.
Hi-fi stereo headphone block diagram
The infrared carriers are detected by the photo diode and the signal is directly amplified by
the TSH511. Each receiver has a standard bandpass filter (filters F1 & F2) to select the
2.3MHz and 2.8MHz carriers. After the FM demodulators, the potentiometer P1 controls the
volume levels. The stereo headphones are directly connected to the integrated audio
buffers. The potentiometer P2 allows adjustment of the sensitivity of the Squelch. The
Squelch function fades in and fades out the audio signal, depending on the level of the
2.8MHz carrier.
Audio
buffer1
Audio
buffer2
LNA
LNA + ALC
LNA + ALC
TX2
TX1
VOX
SBY
buffer1
buffer2
RX2
RX1
Line inputs
Right
channel
Left
channel
Vcc
LED
photodiode
filter
filter
2.3 MHz
2.8 MHz
Vcc: 2.3 to 5.5V
Current < 15 mA
TSH512
TSH511
20 mW / 16
Ω
20 mW / 16
Ω
Power supply:
2.3 to 5.5V
Icc < 20 mA stereo
IR stereo HiFi transmitter
(Television)
IR stereo HiFi receiver
(Headphones)
Hi
Fi
ste
re
o:
2.3
&
2.8
MH
z c
ar
rie
rs
Audio
buffer1
Audio
buffer2
LNA
LNA + ALC
LNA + ALC
TX2
TX1
VOX
SBY
buffer1
buffer2
RX2
RX1
Line inputs
Right
channel
Left
channel
Vcc
LED
photodiode
filter
filter
2.3 MHz
2.8 MHz
Vcc: 2.3 to 5.5V
Current < 15 mA
TSH512
TSH511
20 mW / 16
Ω
20 mW / 16
Ω
Power supply:
2.3 to 5.5V
Icc < 20 mA stereo
IR stereo HiFi transmitter
(Television)
IR stereo HiFi receiver
(Headphones)
Hi
Fi
ste
re
o:
2.3
&
2.8
MH
z c
ar
rie
rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com