Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSH511
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSH511_07 Datasheet HTML 17Page - STMicroelectronics TSH511_07 Datasheet HTML 18Page - STMicroelectronics TSH511_07 Datasheet HTML 19Page - STMicroelectronics TSH511_07 Datasheet HTML 20Page - STMicroelectronics TSH511_07 Datasheet HTML 21Page - STMicroelectronics TSH511_07 Datasheet HTML 22Page - STMicroelectronics TSH511_07 Datasheet HTML 23Page - STMicroelectronics TSH511_07 Datasheet HTML 24Page - STMicroelectronics TSH511_07 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TSH511
General description
21/25
Figure 29.
Squelch schematics
The squelch section is driven by the receiver RX1 but controls both audio buffers.
8.5
Audio buffer sections
The audio signal from an FM demodulator enters into the 6dB/octave low-pass filter for de-
emphasis. 50µs and 75µs are standard de-emphasis values.
After the de-emphasis network, the potentiometer controls the volume.
The rail-to-rail output stage of each audio buffer is able to drive 20mW into 16Ω at 2.3V
supply voltage. Under these conditions, the distortion is typically 0.3% before saturation.
The audio buffers can also drive the other usual impedances used in audio: 32Ω, 600Ω and
10kΩ (see the corresponding distortion curves).
The high input impedances of the audio buffers reduce the coupling capacitors to less than
0.1µF allowing space and cost saving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com