Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512CF Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH512CF
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH512CF Datasheet HTML 3Page - STMicroelectronics TSH512CF Datasheet HTML 4Page - STMicroelectronics TSH512CF Datasheet HTML 5Page - STMicroelectronics TSH512CF Datasheet HTML 6Page - STMicroelectronics TSH512CF Datasheet HTML 7Page - STMicroelectronics TSH512CF Datasheet HTML 8Page - STMicroelectronics TSH512CF Datasheet HTML 9Page - STMicroelectronics TSH512CF Datasheet HTML 10Page - STMicroelectronics TSH512CF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TSH512
Electrical characteristics
Doc ID 8120 Rev 7
7/31
3
Electrical characteristics
Table 4.
Electrical characteristics for VCC = 2.7 V, Tamb = 25° C, faudio = 1 kHz, fcarrier = 2.8 MHz
(unless otherwise specified) (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Overall circuit
ICC_TOT
Current consumption
TX1 and TX2 are on
TX1 on, TX2 on, MIC-BIAS1 and
MIC-BIAS2 not used:
VOX-MUTE=1 output buffers on
VOX-MUTE=0, output buffers off
16
11
18.6
12.8
mA
-40° C < Tamb <+85°C
VOX-MUTE=1 output buffers on
VOX-MUTE=0, output buffers off
19.6
13.8
ICC_SBY
Current consumption with
TX2 in standby: SBY (pin5)
active
TX1 on, TX2 off, MIC-BIAS1 and
MIC-BIAS2 not used:
VOX-MUTE=1,output buffers on
VOX-MUTE=0, output buffers off
10
7
11.5
8
mA
-40° C < Tamb <+85°C
VOX-MUTE=1, output buffers on
VOX-MUTE=0, output buffers off
12.1
8.6
LNA sections (for TX1 and TX2)
GBPLNA
Gain bandwidth product
No external load
7
MHz
RinLNA
Input resistance on positive
input:
(LNA-INP1 pin 12 or
LNA-INP2 pin 44)
30
k
Ω
THDLNA
Total harmonic distortion
GLNA =0 dB, VoutLNA = 700 mVPP
0.01
0.05
%
-40° C < Tamb < +85° C
0.05
En
Equivalent input noise
voltage
GLNA = 40dB, at f=1kHz
RS =390 Ω, Rfeedback =39kΩ
6nV/
√Hz
Automatic level control (ALC) section
GALC
Voltage gain
20
dB
VALC_OUT
Regulated output level
(at positive input of the PEA
amplifier)
600
710
800
mVpp
-40° C < Tamb < +85° C
597
803
Pre-emphasis amplifier (PEA) section
GBPPEA
Gain bandwidth product
(PEA-OUT1 pin 17 or
PEA-OUT2 pin 39)
No load
9
MHz
VOpp-PEA
Output voltage
RL = 22 kΩ
550
mVpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com