Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512CF Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSH512CF
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSH512CF Datasheet HTML 21Page - STMicroelectronics TSH512CF Datasheet HTML 22Page - STMicroelectronics TSH512CF Datasheet HTML 23Page - STMicroelectronics TSH512CF Datasheet HTML 24Page - STMicroelectronics TSH512CF Datasheet HTML 25Page - STMicroelectronics TSH512CF Datasheet HTML 26Page - STMicroelectronics TSH512CF Datasheet HTML 27Page - STMicroelectronics TSH512CF Datasheet HTML 28Page - STMicroelectronics TSH512CF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TSH512
General description
Doc ID 8120 Rev 7
25/31
5.7
VCO section: voltage-controlled oscillator
Each TSH512 transmitter has its own oscillator to generate the carrier. The audio signal is
applied to the varicap diode to perform the frequency modulation. Thanks to the VCO-BIAS
voltage reference, the DC bias of the varicap is stabilized. The high power supply rejection
ratio (PSRR) of the VCO-BIAS ensures good immunity with the noise of the power supply.
Figure 33.
VCO schematics
The generated frequency can be set from 400 kHz to 11 MHz by external components.
Refer to Table 1 for the usual frequencies in infrared audio.
The working frequency is:
where Ct is the total capacity of CL, Cp, Cs and Cv:
Ct = 1/(1/Cc+1/CL) with Cc = Cp+1/(1/Cv+1/Cs)
It is possible to use varicap diodes SMV1212 (Alpha Ind.) or ZC833 (Zetex).
The output level of the VCO can be reduced by adding the resistor RVCO between pin 19
and pin 20 or between pin 36 and pin 37 for TX1 and TX2 respectively.
Table 5.
Usual infrared frequencies
IR frequency in MHz
Applications
1.6
AM mono
1.7
FM mono
2.3
FM right channel
2.8
FM left channel or mono
f
VCO
1
2
π LCt
⋅
()
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com