Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512CF Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH512CF
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH512CF Datasheet HTML 4Page - STMicroelectronics TSH512CF Datasheet HTML 5Page - STMicroelectronics TSH512CF Datasheet HTML 6Page - STMicroelectronics TSH512CF Datasheet HTML 7Page - STMicroelectronics TSH512CF Datasheet HTML 8Page - STMicroelectronics TSH512CF Datasheet HTML 9Page - STMicroelectronics TSH512CF Datasheet HTML 10Page - STMicroelectronics TSH512CF Datasheet HTML 11Page - STMicroelectronics TSH512CF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
TSH512
8/31
Doc ID 8120 Rev 7
Audio LNA+ALC+PEA sections
THDALC
Total harmonic distortion in
linear region on PEA-OUT1
pin17 or PEA-OUT2 pin 39
GLNA = 0 dB, f = 1 kHz
(Vin)ALC < 25 mVrms (-30 dBu)
RL = 22 kΩ tied to GND
0.05
0.15
%
-40° C < Tamb < +85° C
0.25
THDAGC
Total harmonic distortion in
compression region
(Vin)ALC = 36 mVrms (-27 dBu)
(Vin)ALC= 100 mVrms (-18 dBu)
RL = 22 kΩ tied to GND
1.3
3
1.7
4
%
-40° C < Tamb <+85°C
(Vin)ALC = 36 mVrms (-27 dBu)
(Vin)ALC= 100 mVrms (-18 dBu)
2.5
5.3
ΦΜPEA
Phase margin at
PEA-OUT1 pin 17 or
PEA-OUT2 pin 39
RL =22kΩ
LNA and PEA at unity gain
Vin = 40 mV
70
°
Microphone biasing section
VMIC-BIAS
Microphone biasing voltage
(Section 5.3 on page 20)
IMIC-BIAS = 2.5 mA
2.15
2.25
2.35
V
-40° C < Tamb < +85° C
2.14
2.36
ΔVMIC-BIAS
VMIC-BIAS temperature
coefficient
Over temp. range:
[0, 70° C]
[-40, 85° C]
IMIC-BIAS = 2.5 mA
260
460
ppm/°C
IMIC-BIAS
MIC-BIAS current capability Over VCC range [2.3 V–5.5 V]
2.5
mA
PSRRMIC-BIAS
Power supply rejection ratio
of MIC-BIAS
At 1 kHz and Vripple = 25 mVRMS
50
dB
enMIC-BIAS
Equivalent input noise of
MIC-BIAS
VCC =2.7 V
VCC =5.0 V
22
42
nV/
√Hz
Vox operated switch (VOX) section
IVOX-TIMER
Monostable current source
(VOX-TIMER pin 29)
VCC = 2.7V
5
µA
VTHVOX-TIMER
Threshold voltage of the
Monostable (time constant)
1.4
V
VMUTE_L
Low level output voltage
(VOX-MUTE pin 27)
RL = 2 kΩ
0.2
V
-40° C < Tamb <+85°C
0.2
VMUTE_H
High level output voltage
(VOX-MUTE pin 27)
RL = 2 kΩ
VCC-0.3
V
-40° C < Tamb <+85°C
VCC-
0.32
Table 4.
Electrical characteristics for VCC = 2.7 V, Tamb = 25° C, faudio = 1 kHz, fcarrier = 2.8 MHz
(unless otherwise specified) (continued) (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com