Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512CF Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH512CF
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH512CF Datasheet HTML 5Page - STMicroelectronics TSH512CF Datasheet HTML 6Page - STMicroelectronics TSH512CF Datasheet HTML 7Page - STMicroelectronics TSH512CF Datasheet HTML 8Page - STMicroelectronics TSH512CF Datasheet HTML 9Page - STMicroelectronics TSH512CF Datasheet HTML 10Page - STMicroelectronics TSH512CF Datasheet HTML 11Page - STMicroelectronics TSH512CF Datasheet HTML 12Page - STMicroelectronics TSH512CF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TSH512
Electrical characteristics
Doc ID 8120 Rev 7
9/31
Standby
VSBY_IL
maximum
Maximum low level input
voltage of standby input
(SBY pin 5)
0.1xVCC
V
VSBY_IH
minimum
Minimum high level input
voltage of standby input
(SBY pin 5)
0.9xVCC
V
VCO section
VVCO-BIAS
VCO-BIAS output voltage
(VCO-BIAS1 pin 18 or
VCO-BIAS2 pin 38)
With no load
1.43
1.47
1.51
VDC
-40° C < Tamb < +85° C
1.38
1.56
IVCO-BIAS
VCO-BIAS output current
capability
VVCO-BIAS > 1.38 V
40
µA
δVVCO-BIAS VCO-BIAS voltage drift
2.3 V < VCC < 5.5 V
[0, 70° C] VCC =2.7 V
[0, 70° C] VCC =5.0 V
[-40, 85° C] VCC =2.7 V
[-40, 85° C] VCC =5.0 V
8
+265
+356
+265
+356
mV/V
ppm/°C
ppm/°C
ppm/°C
ppm/°C
PNLO
Phase noise
At 1 kHz, L = 120 µH (Q = 30) and
RVCO not connected
-80
dBc
SVRVCO-BIAS
Supply voltage rejection
ratio of VCO-BIAS
With no load
43
dB
ZVCO-OUT
VCO output impedance
(VCO-OUT1 pin 22 or
VCO-OUT2 pin 34)
400
Ω
ZLVCO-OUT
minimum
Minimum load impedance
1
k
Ω
VVCO-OUT
VCO output level
L= 120µH (Q =30)
VCO output connected to output
buffer input RVCO = 100 kΩ
580
620
660
mVpp
-40° C < Tamb < +85° C
569
671
Output buffer
ZBUF-IN
Input impedance
(BUF-IN1 pin 24 or BUF-IN2
pin 32)
400
k
Ω
GOB
Linear voltage gain
10
dB
VBUF-OUT
AC
Output AC voltage at 1dB
compression point
ZL =2kΩ
1.3
Vpp
Output AC voltage
(BUF-OUT1 pin 25 or
BUF-OUT2 pin 31)
ZL =2kΩ VBUF-IN = 0.60 Vpp
1.35
1.5
1.7
-40° C < Tamb < +85° C
1.33
1.72
Table 4.
Electrical characteristics for VCC = 2.7 V, Tamb = 25° C, faudio = 1 kHz, fcarrier = 2.8 MHz
(unless otherwise specified) (continued) (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com