Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J4T3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 5Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 6Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 7Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 8Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 9Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 10Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 11Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 12Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 164 page
background image
ST72324Jx ST72324Kx
9/164
PIN DESCRIPTION (Cont’d)
Figure 3. 32-Pin SDIP Package Pinout
Figure 4. 32-Pin TQFP 7x7 Package Pinout
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
(HS) PB4
AIN0 / PD0
AIN14 / MOSI / PC5
ICCDATA/ MISO / PC4
ICAP1_B / (HS) PC3
ICAP2_B / (HS) PC2
AIN13 / OCMP1_B / PC1
AIN12 / OCMP2_B / PC0
EXTCLK_A / (HS) PF7
BEEP / (HS) PF1
MCO / AIN8 / PF0
VSSA
VAREF
AIN1 / PD1
ICAP1_A / (HS) PF6
OCMP1_A / AIN10 / PF4
PB3
PB0
PC6 / SCK / ICCCLK
PC7 / SS / AIN15
PA3 (HS)
PA4 (HS)
PA6 (HS)
PA7 (HS)
VPP / ICCSEL
OSC2
OSC1
VDD_2
PE0 / TDO
PE1 / RDI
VSS_2
RESET
ei0
ei3
ei2
ei1
eix
associated external interrupt vector
(HS) 20mA high sink capability
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 12 13 1415 16
1
2
3
4
5
6
7
8
ei1
ei3
ei0
OCMP1_A / AIN10 / PF4
ICAP1_A / (HS) PF6
EXTCLK_A / (HS) PF7
AIN12 / OCMP2_B / PC0
VAREF
VSSA
MCO / AIN8 / PF0
BEEP / (HS) PF1
VPP / ICCSEL
PA7 (HS)
PA6 (HS)
PA4 (HS)
OSC1
OSC2
VSS_2
RESET
ei2
eix
associated external interrupt vector
(HS) 20mA high sink capability
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com