Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J4T3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 9Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 10Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 11Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 12Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 13Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 14Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 15Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 16Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
ST72324Jx ST72324Kx
13/164
3 REGISTER & MEMORY MAP
As shown in Figure 5, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 128
bytes of register locations, up to 1024 bytes of
RAM and up to 32 Kbytes of user program memo-
ry. The RAM space includes up to 256 bytes for
the stack from 0100h to 01FFh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 5. Memory Map
0000h
RAM
Program Memory
(32K, 16K or 8K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
7FFFh
(see Table 2)
8000h
FFDFh
FFE0h
FFFFh
(see Table 8)
0480h
Reserved
047Fh
Short Addressing
RAM (zero page)
256 Bytes Stack
16-bit Addressing
RAM
0100h
01FFh
027Fh
0080h
0200h
00FFh
32 KBytes
8000h
FFFFh
(1024,
or 047Fh
16 KBytes
C000h
512 or 384 Bytes)
8 Kbytes
E000h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com