Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J4T3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 7Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 8Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 9Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 10Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 11Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 12Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 13Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 14Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
ST72324Jx ST72324Kx
11/164
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
24 17 9 12
PC1/OCMP1_B/
AIN13
I/O CT
X
XX
X
X
Port C1
Timer B Out-
put Com-
pare 1
ADC Analog
Input 13
25 18 10 13 PC2 (HS)/ICAP2_B
I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2
26 19 11 14 PC3 (HS)/ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
27 20 12 15
PC4/MISO/ICCDA-
TA
I/O CT
X
XX
X
Port C4
SPI Master
In / Slave
Out Data
ICC Data In-
put
28 21 13 16 PC5/MOSI/AIN14
I/O CT
X
XX
X
X
Port C5
SPI Master
Out / Slave
In Data
ADC Analog
Input 14
29 22 14 17 PC6/SCK/ICCCLK
I/O CT
X
XX
X
Port C6
SPI Serial
Clock
ICC Clock
Output
30 23 15 18 PC7/SS/AIN15
I/O CT
X
XX
X
X
Port C7
SPI Slave
Select (ac-
tive low)
ADC Analog
Input 15
31 24 16 19 PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
32 25
VDD_1
S
Digital Main Supply Voltage
33 26
VSS_1
S
Digital Ground Voltage
34 27 17 20 PA4 (HS)
I/O CT HS
X
XX
X
Port A4
35 28
PA5 (HS)
I/O CT HS
X
XX
X
Port A5
36 29 18 21 PA6 (HS)
I/O CT HS
X
TPort A6 1)
37 30 19 22 PA7 (HS)
I/O CT HS
X
TPort A7 1)
38 31 20 23 VPP /ICCSEL
I
Must be tied low. In the flash pro-
gramming mode, this pin acts as the
programming voltage input VPP. See
Section 12.10.2 for more details.
39 32 21 24 RESET
I/O CT
Top priority non maskable interrupt.
40 33 22 25 VSS_2
S
Digital Ground Voltage
41 34 23 26 OSC2
O
Resonator oscillator inverter output
42 35 24 27 OSC1
I
External clock input or Resonator os-
cillator inverter input
43 36 25 28 VDD_2
S
Digital Main Supply Voltage
44 37 26 29 PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
1 382730 PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
2 392831 PB0
I/O CT
X
ei2
X
X
Port B0
Caution: Negative current
injection not allowed on this
pin
5)
3 40
PB1
I/O CT
X
ei2
X
X
Port B1
4 41
PB2
I/O CT
X
ei2
X
X
Port B2
5 422932 PB3
I/O CT
X
ei2
X
X
Port B3
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com