Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J4T3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 6Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 7Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 8Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 9Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 10Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 11Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 12Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 13Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
ST72324Jx ST72324Kx
10/164
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to See “ELECTRICAL CHARACTERISTICS” on page 116.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog ports
– Output:
OD = open drain 2), PP = push-pull
Refer to “I/O PORTS” on page 45 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output
6
1 30 1
PB4 (HS)
I/O CT HS
X
ei3
X
X
Port B4
7
2 31 2
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
8
3 32 3
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
9
4
PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC Analog Input 2
10 5
PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC Analog Input 3
11 6
PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4
12 7
PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC Analog Input 5
13 8
1
4
VAREF
S
Analog Reference Voltage for ADC
14 9
2
5
VSSA
S
Analog Ground Voltage
15 10 3
6
PF0/MCO/AIN8
I/O CT
X
ei1
X
X
X
Port F0
Main clock
out (fCPU)
ADC Analog
Input 8
16 11 4
7
PF1 (HS)/BEEP
I/O CT HS
X
ei1
X
X
Port F1
Beep signal output
17 12
PF2 (HS)
I/O CT HS
X
ei1
X
X
Port F2
18 13 5
8
PF4/OCMP1_A/
AIN10
I/O CT
X
XX
X
X
Port F4
Timer A Out-
put Com-
pare 1
ADC Analog
Input 10
19 14 6
9
PF6 (HS)/ICAP1_A
I/O CT HS
X
X
X
X
Port F6
Timer A Input Capture 1
20 15 7 10
PF7 (HS)/
EXTCLK_A
I/O CT HS
X
XX
X
Port F7
Timer A External Clock
Source
21
VDD_0
S
Digital Main Supply Voltage
22
VSS_0
S
Digital Ground Voltage
23 16 8 11
PC0/OCMP2_B/
AIN12
I/O CT
X
XX
X
X
Port C0
Timer B Out-
put Com-
pare 2
ADC Analog
Input 12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com