Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259YI50 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5259YI50
Description  Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259YI50 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5259YI50 Datasheet HTML 1Page - ON Semiconductor CAT5259YI50 Datasheet HTML 2Page - ON Semiconductor CAT5259YI50 Datasheet HTML 3Page - ON Semiconductor CAT5259YI50 Datasheet HTML 4Page - ON Semiconductor CAT5259YI50 Datasheet HTML 5Page - ON Semiconductor CAT5259YI50 Datasheet HTML 6Page - ON Semiconductor CAT5259YI50 Datasheet HTML 7Page - ON Semiconductor CAT5259YI50 Datasheet HTML 8Page - ON Semiconductor CAT5259YI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT5259
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2000 Rev. J
Characteristics subject to change without notice
POWER UP TIMING
(1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
WIPER TIMING
Symbol
Parameter
Min
Max
Units
tWRPO
Wiper Response Time After Power Supply Stable
5
10
µs
tWRL
Wiper Response Time After Instruction Issued
5
10
µs
WRITE CYCLE LIMITS
(3)
Symbol
Parameter
Max
Units
tWR
Write Cycle Time
5
ms
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND
(4)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(4)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(4)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(4)
Latch-Up
JEDEC Standard 17
100
mA
Figure 1. Bus Timing
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated.
(3) The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write
cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
tHIGH
SCL
SDA IN
SDAOUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com