Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259YI50 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CAT5259YI50
Description  Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259YI50 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CAT5259YI50 Datasheet HTML 8Page - ON Semiconductor CAT5259YI50 Datasheet HTML 9Page - ON Semiconductor CAT5259YI50 Datasheet HTML 10Page - ON Semiconductor CAT5259YI50 Datasheet HTML 11Page - ON Semiconductor CAT5259YI50 Datasheet HTML 12Page - ON Semiconductor CAT5259YI50 Datasheet HTML 13Page - ON Semiconductor CAT5259YI50 Datasheet HTML 14Page - ON Semiconductor CAT5259YI50 Datasheet HTML 15Page - ON Semiconductor CAT5259YI50 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CAT5259
© 2009 SCILLC. All rights reserved.
15
Doc. No. MD-2000 Rev. J
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
ORDERING INFORMATION
Orderable Part Number
Resistance (kΩ)
Package
Lead Finish
CAT5259WI-50-T1
50
CAT5259WI-00-T1
100
SOIC
CAT5259YI-50-T2
50
CAT5259YI-00-T2
100
TSSOP
CAT5259WI50
50
CAT5259WI00
100
SOIC
CAT5259YI50
50
CAT5259YI00
100
TSSOP
Matte-Tin
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The device used in the above example is a CAT5259WI-00-T1 (SOIC, Industrial Temperature, 100 kΩ, Tape & Reel, 1,000/Reel).
(3) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office
Prefix Device # Suffix
CAT
5259
W
I
-00
- T1
Company ID
Package
W: SOIC
Y: TSSOP
Temperature Range
I = Industrial (-40ºC to 85ºC)
Product Number
5259
Resistance
50: 50 kΩ
00: 100 kΩ
Tape & Reel
T: Tape & Reel
1: 1,000/Reel - SOIC
2: 2,000/Reel - TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com