Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259YI50 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5259YI50
Description  Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259YI50 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5259YI50 Datasheet HTML 5Page - ON Semiconductor CAT5259YI50 Datasheet HTML 6Page - ON Semiconductor CAT5259YI50 Datasheet HTML 7Page - ON Semiconductor CAT5259YI50 Datasheet HTML 8Page - ON Semiconductor CAT5259YI50 Datasheet HTML 9Page - ON Semiconductor CAT5259YI50 Datasheet HTML 10Page - ON Semiconductor CAT5259YI50 Datasheet HTML 11Page - ON Semiconductor CAT5259YI50 Datasheet HTML 12Page - ON Semiconductor CAT5259YI50 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT5259
© 2009 SCILLC. All rights reserved.
9
Doc. No. MD-2000 Rev. J
Characteristics subject to change without notice
WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR)
The CAT5259 contains four 8-bit Wiper Control
Registers, one for each potentiometer. The Wiper
Control Register output is decoded to select one of
256 switches along its resistor array. The contents of
the WCR can be altered in four ways: it may be
written by the host via Write Wiper Control Register
instruction; it may be written by transferring the
contents of one of four associated Data Registers via
the XFR Data Register instruction, it can be modified
one step at a time by the Increment/decrement
instruction (see Instruction section for more details).
Finally, it is loaded with the content of its data register
zero (DR0) upon power-up.
The Wiper Control Register is a volatile register that
loses its contents when the CAT5259 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four 8-bit non-volatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Control
Register. Any data changes in one of the Data
Registers is a non-volatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as standard memory locations for system
parameters or user preference data.
INSTRUCTIONS
Four of the nine instructions are three bytes in length.
These instructions are:
— Read Wiper Control Register – read the current
wiper position of the selected potentiometer in the
WCR
— Write Wiper Control Register – change current
wiper position in the WCR of the selected
potentiometer
— Read Data Register – read the contents of the
selected Data Register
— Write Data Register – write a new value to the
selected Data Register
The basic sequence of the three byte instructions is
illustrated in Figure 8. These three-byte instructions
Table 3. Instruction Set
Instruction Set
Instruction
I3 I2 I1 I0 R1 R0 WCR1/P1 WCR0/P0
Operation
Read Wiper Control
Register
1
0
0
1
0
0
1/0
1/0
Read the contents of the Wiper Control
Register pointed to by P1-P0
Write Wiper Control
Register
1
0
1
0
0
0
1/0
1/0
Write new value to the Wiper Control
Register pointed to by P1-P0
Read Data Register
1
0
1
1
1/0 1/0
1/0
1/0
Read the contents of the Data Register
pointed to by P1-P0 and R1-R0
Write Data Register
1
1
0
0
1/0 1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1-P0 and R1-R0
XFR Data Register to
Wiper Control Register
1
1
0
1
1/0 1/0
1/0
1/0
Transfer the contents of the Data Register
pointed to by P1-P0 and R1-R0 to its
associated Wiper Control Register
XFR Wiper Control
Register to Data
Register
1
1
1
0
1/0 1/0
1/0
1/0
Transfer the contents of the Wiper Control
Register pointed to by P1-P0 to the Data
Register pointed to by R1-R0
Gang XFR Data
Registers to Wiper
Control Registers
0
0
0
1
1/0 1/0
0
0
Transfer the contents of the Data Registers
pointed to by R1-R0 of all four pots to their
respective Wiper Control Registers
Gang XFR Wiper
Control Registers to
Data Register
1
0
0
0
1/0 1/0
0
0
Transfer the contents of both Wiper Control
Registers to their respective data Registers
pointed to by R1-R0 of all four pots
Increment/Decrement
Wiper Control Register
0
0
1
0
0
0
1/0
1/0
Enable Increment/decrement of the Control
Latch pointed to by P1-P0
Note: 1/0 = data is one or zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com