Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259YI50 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5259YI50
Description  Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259YI50 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5259YI50 Datasheet HTML 1Page - ON Semiconductor CAT5259YI50 Datasheet HTML 2Page - ON Semiconductor CAT5259YI50 Datasheet HTML 3Page - ON Semiconductor CAT5259YI50 Datasheet HTML 4Page - ON Semiconductor CAT5259YI50 Datasheet HTML 5Page - ON Semiconductor CAT5259YI50 Datasheet HTML 6Page - ON Semiconductor CAT5259YI50 Datasheet HTML 7Page - ON Semiconductor CAT5259YI50 Datasheet HTML 8Page - ON Semiconductor CAT5259YI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT5259
© 2009 SCILLC. All rights reserved.
1
Doc. No. MD-2000 Rev. J
Characteristics subject to change without notice
NONVOLATILE
DATA
REGISTERS
CONTROL LOGIC
WIPER CONTROL
REGISTERS
I²C BUS
INTERFACE
RW0
RW1
RW2
RW3
RL0
A0
A1
SCL
SDA
A2
A3
RL1
RL2
RL3
RH0
RH1
RH2
RH3
WP
Quad Digitally Programmable Potentiometers
(DPP™) with 256 Taps and I²C Interface
FEATURES
Four linear taper digitally programmable
potentiometers
256 resistor taps per potentiometer
End to end resistance 50 kΩ or 100 kΩ
Potentiometer control and memory access via
I²C interface
Low wiper resistance, typically 100 Ω
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1 µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC (W)
TSSOP (Y)
NC
1
24 A3
A0
2
23 SCL
RW3 3
22 RL2
RH3 4
21 RH2
RL3 5
20 RW2
NC
6
19 NC
VCC 7
18 GND
RLO 8
17 RW1
RHO 9
16 RH1
RWO 10
15 RL1
A2 11
14 A1
12
13 SDA
DESCRIPTION
The CAT5259 is four digitally programmable poten–
tiometers (DPPs™) integrated with control logic and
16 bytes of NVRAM memory. Each DPP consists of a
series of resistive elements connected between two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DPP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a I²C serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers
is automatically loaded into its respective wiper
control registers.
The CAT5259 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the 0ºC to 70ºC
commercial and -40ºC to 85ºC industrial operating
temperature ranges and offered in a 24-lead SOIC
and TSSOP package.
FUNCTIONAL DIAGRAM


Similar Part No. - CAT5259YI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5259YI50 ONSEMI-CAT5259YI50 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5259YI50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com