Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 6Page - STMicroelectronics TS616_08 Datasheet HTML 7Page - STMicroelectronics TS616_08 Datasheet HTML 8Page - STMicroelectronics TS616_08 Datasheet HTML 9Page - STMicroelectronics TS616_08 Datasheet HTML 10Page - STMicroelectronics TS616_08 Datasheet HTML 11Page - STMicroelectronics TS616_08 Datasheet HTML 12Page - STMicroelectronics TS616_08 Datasheet HTML 13Page - STMicroelectronics TS616_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristics
TS616
10/37
Figure 8.
Closed loop gain vs. frequency
Figure 9.
Closed loop gain vs. frequency
100
1k
10k
100k
1M
10M
100M
-4
-2
0
2
4
6
8
10
12
14
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=+4, VCC=±2.5V, Rfb=910Ω, Rg=300Ω, RL=10Ω
VCC=±6V, Rfb=620Ω, Rg=560/330Ω, RL=25Ω
100
1k
10k
100k
1M
10M
100M
-4
-2
0
2
4
6
8
10
12
14
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=-4, VCC=±2.5V, Rfb=1kΩ Rin=320/360Ω RL=10Ω
VCC=±6V, Rfb=620Ω, Rin=360/270Ω, RL=25Ω
Figure 10.
Closed loop gain vs. frequency
Figure 11.
Closed loop gain vs. frequency
100
1k
10k
100k
1M
10M
100M
2
4
6
8
10
12
14
16
18
20
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=+8, VCC=±2.5V, Rfb=680Ω,Rg=240/160Ω,RL=10Ω
VCC=±6V, Rfb=510Ω, Rg=270/100Ω, RL=25Ω
100
1k
10k
100k
1M
10M
100M
2
4
6
8
10
12
14
16
18
20
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=-8, VCC=±2.5V, Rfb=680Ω Rin=160/180Ω RL=10Ω
VCC=±6V, Rfb=510Ω, Rin=150/110Ω, RL=25Ω
Figure 12.
Positive slew rate
Figure 13.
Positive slew rate
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)
AV = +4, Rfb = 910Ω, VCC = ±6 , RL=25Ω
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
-1
0
1
2
Time (s)
AV = +4, Rfb = 910 Ω, VCC = ±2.5V, RL=10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com