Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 13Page - STMicroelectronics TS616_08 Datasheet HTML 14Page - STMicroelectronics TS616_08 Datasheet HTML 15Page - STMicroelectronics TS616_08 Datasheet HTML 16Page - STMicroelectronics TS616_08 Datasheet HTML 17Page - STMicroelectronics TS616_08 Datasheet HTML 18Page - STMicroelectronics TS616_08 Datasheet HTML 19Page - STMicroelectronics TS616_08 Datasheet HTML 20Page - STMicroelectronics TS616_08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
TS616
Intermodulation distortion product
17/37
5
Intermodulation distortion product
The non-ideal output of the amplifier can be described by the following series, due to a non-
linearity in the input-output amplitude transfer:
where the single-tone input is Vin=Asinωt, and C0 is the DC component, C1(Vin) is the
fundamental, Cn is the amplitude of the harmonics of the output signal Vout.
A one-frequency (one-tone) input signal contributes to a harmonic distortion. A two-tone
input signal contributes to a harmonic distortion and an intermodulation product.
This intermodulation product, or rather, the study of the intermodulation distortion of a two-
tone input signal is the first step in characterizing the amplifiers capability for driving multi-
tone signals.
The two-tone input is equal to:
giving:
In this expression, we can extract distortion terms and intermodulation terms from a single
sine wave: second-order intermodulation terms IM2 by the frequencies (
ω1 - ω2) and (ω1 2)
with an amplitude of C2A2 and third-order intermodulation terms IM3 by the frequencies
(2
ω1 - ω2), (2ω1 2), (−ω1 +2ω2) and (ω1 +2ω2) with an amplitude of (3/4)C3A3.
We can measure the intermodulation product of the driver by using the driver as a mixer via
a summing amplifier configuration. In doing this, the non-linearity problem of an external
mixing device is avoided.
Figure 45.
Non-inverting summing amplifier for intermodulation measurements
V
out
C
0
C
1
V
in
C
2
V
in
2
C
n
V
in
n
++
+
=
V
in
A
ω
1t
sin
B
ω
2t
sin
+
=
t
C
0
C
1 A
ω
1t
sin
B
ω
2t
sin
+
() C
2 A
ω
1t
sin
B
ω
2t
sin
+
()
2… C
n A
ω
1t
sin
B
ω
2t
sin
+
()
n
++
+
=
Vout diff.
300
Ω
910
Ω
+Vcc
100
Ω
50
Ω
49.9
Ω
49.9
Ω
1/2
TS616
-Vcc
√2:1
1/2
TS616
910
Ω
300
Ω
Rout1
Rout2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
50
Ω
100
Ω
1:
√2
50
Ω
100
Ω
1:
√2
Vin1
Vin1
_
+
_
+
Vout diff.
300
Ω
910
Ω
+Vcc
100
Ω
50
Ω
49.9
Ω
49.9
Ω
1/2
TS616
-Vcc
√2:1
1/2
TS616
910
Ω
300
Ω
Rout1
Rout2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
50
Ω
100
Ω
1:
√2
50
Ω
100
Ω
1:
√2
Vin1
Vin1
_
+
_
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com