Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 23Page - STMicroelectronics TS616_08 Datasheet HTML 24Page - STMicroelectronics TS616_08 Datasheet HTML 25Page - STMicroelectronics TS616_08 Datasheet HTML 26Page - STMicroelectronics TS616_08 Datasheet HTML 27Page - STMicroelectronics TS616_08 Datasheet HTML 28Page - STMicroelectronics TS616_08 Datasheet HTML 29Page - STMicroelectronics TS616_08 Datasheet HTML 30Page - STMicroelectronics TS616_08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
TS616
Power supply bypassing
27/37
Figure 64.
Circuit for +5 V single supply
8.2
Channel separation and crosstalk
Figure 65 shows an example of crosstalk from one amplifier to a second amplifier. This
phenomenon, accentuated at high frequencies, is unavoidable and intrinsic to the circuit
itself.
Nevertheless, the PCB layout also has an effect on the crosstalk level. Capacitive coupling
between signal wires, distance between critical signal nodes and power supply bypassing
are the most significant factors.
Figure 65.
Crosstalk vs. frequency: AV=+4, Rfb=620 Ω, VCC= ±6 V, Vout= 2 Vp
+
_
R2
820
Ω
RG
IN
+5V
10
Ω
OUT
Rfb
10µF
+ 1µF
½ TS616
100µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+
+
_
R2
820
Ω
RG
IN
+5V
10
Ω
OUT
Rfb
10µF
+ 1µF
½ TS616
100µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+
10k
100k
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com