Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 4 Page - STMicroelectronics

  TS616_08 Datasheet HTML 1Page - STMicroelectronics TS616_08 Datasheet HTML 2Page - STMicroelectronics TS616_08 Datasheet HTML 3Page - STMicroelectronics TS616_08 Datasheet HTML 4Page - STMicroelectronics TS616_08 Datasheet HTML 5Page - STMicroelectronics TS616_08 Datasheet HTML 6Page - STMicroelectronics TS616_08 Datasheet HTML 7Page - STMicroelectronics TS616_08 Datasheet HTML 8Page - STMicroelectronics TS616_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Absolute maximum ratings and operating conditions
TS616
4/37
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network terminal.
±7
V
Vid
Differential input voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
±2
V
Vin
Input voltage range (3)
3.
The magnitude of input and output voltage must never exceed VCC +0.3 V.
±6
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstd
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
Thermal resistance junction to case
16
°C/W
Rthja
Thermal resistance junction to ambient area
60
°C/W
Pmax
Maximum power dissipation (at Tamb = 25° C) for
Tj =150°C
2W
ESD
only pins
1, 4, 7, 8
HBM: human body model(4)
MM: machine model(5)
CDM: charged device model(6)
4.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
5.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
6.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
2
200
kV
kV
V
ESD
only pins
2, 3, 5, 6
HBM: human body model(4)
MM: machine model(5)
CDM: charged device model(6)
1.5
2
100
kV
kV
V
Output short circuit
(7)
7.
An output current limitation protects the circuit from transient currents. Short-circuits can cause excessive
heating. Destructive dissipation can result from short-circuits on amplifiers.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
±2.5 to ±6
V
Vicm
Common mode input voltage
-VCC+1.5 V to +VCC-1.5 V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com