Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF37 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF37
Description  0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF37 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF37 Datasheet HTML 2Page - Hirose Electric DF37 Datasheet HTML 3Page - Hirose Electric DF37 Datasheet HTML 4Page - Hirose Electric DF37 Datasheet HTML 5Page - Hirose Electric DF37 Datasheet HTML 6Page - Hirose Electric DF37 Datasheet HTML 7Page - Hirose Electric DF37 Datasheet HTML 8Page - Hirose Electric DF37 Datasheet HTML 9Page - Hirose Electric DF37 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
118
DF37 Seriesq0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
BUsage Recommendations
Manual soldering: 340±10ç for 3 seconds
Thickness: 0.12 mm
Open area ratio: Receptacle:80%, Plug: 70%
Maximum of 0.02 mm at the connector center, with both ends of the
connector as reference points.
Cleaning is not recommended. When cleaning, please evaluate as it
can deteriorate the performance including mechanical operation and
environmental resistance.
s Mating and un-mating of the connectors when not soldered on the
boards is not recommended as this may cause deformation of the
terminals, damage to the contacts or insulators.
s Mated connectors should not carry weight of the board by
themselves. Provide some other support of the boards.
s When mating/un-mating do not twist or lift by the corners. Apply the
forces evenly across the entire length and width of the connectors
taking care NOT to damage or deform soldered terminations.
s Exercise extreme caution when mating/ un-mating when the
connector is mounted on a nonrigid (flexible) substrate.
Slight discoloration on the insulating materials will not affect form,
fit or function of the connectors.
s Do NOT pull on the flexible substrate.
Note 1: Up to 2 cycles of Reflow soldering are possible under the
same conditions, provided that there is a return to normal
temperature between the first and second cycle.
Note 2: The temperature profile indicates the board surface
temperature at the point of contacts with the connector
terminals.
50
60sec max
100
150
200
250
Time (sec.)
Temperature (ç)
0
100
150
200
250
50
Room temperature
300
90~120sec
180ç
250ç
220ç
150ç
1.Recommended temperature profile
2.Recommended manual soldering
3.Recommended screen thickness and open
area ratio (Pattern area ratio)
4.Board warpage
5.Cleaning conditions
6.Precautions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com