Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF37 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF37
Description  0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF37 Datasheet(HTML) 1 Page - Hirose Electric

  DF37 Datasheet HTML 1Page - Hirose Electric DF37 Datasheet HTML 2Page - Hirose Electric DF37 Datasheet HTML 3Page - Hirose Electric DF37 Datasheet HTML 4Page - Hirose Electric DF37 Datasheet HTML 5Page - Hirose Electric DF37 Datasheet HTML 6Page - Hirose Electric DF37 Datasheet HTML 7Page - Hirose Electric DF37 Datasheet HTML 8Page - Hirose Electric DF37 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37 Series
111
sFeatures
1. Reduced size and board-occupied area
With the mated height of 0.98 mm, width of 2.98mm and
length of 8.22 mm (30 positions) the connectors are one of
the smallest in its class.
Sufficiently large flat areas allow pick-up with vacuum
nozzles of automatic placement equipment.
2. Reliable electrical and mechanical connection
Despite its small mated height, unique contact configuration,
with a 2-point contacts and effective mating length of
0.25mm, assures highly reliable connection while confirming
a complete mating with a definite tactile feel.
3. Self alignment
Recognizing the difficulties of mating extremely small
connectors in limited spaces, the connectors will self-align
within 0.3mm.
4. Physical shock and vibration protection
2-point contact assures electrical connection in a shock or
vibration applications.
5. Solder wicking prevention
Nickel barriers (receptacles) and unique forming of the contacts
(headers) prevent un-intentional solder wicking.
6. Contamination protection
Insulator walls protect the contact areas against flux splatter or
other physical particles contamination.
7. RoHS compliant
All components and materials comply with the requirements of
EU Directive 2002/95/EC.
sApplications
Mobile phones, digital cameras, digital camcorders and
other thin portable devices requiring high reliability board-to-
board/ board-to-FPC connections.
8.22mm
30 positions, 0.4 mm pitch, 0.98 mm height
DF30
DF37
Lock
Receptacle
Header
qComparison of board mounting space
qSplatter protection
Contact areas
Contact areas
Contact areas are not exposed to the outside
penetration of the flux or other physical particles.
sFurther reduction of the board space.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF37

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37NB-10DS-0.4V51 HIROSE-DF37NB-10DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37NB-16DS-0.4V51 HIROSE-DF37NB-16DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37NB-20DS-0.4V51 HIROSE-DF37NB-20DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37NB-24DS-0.4V51 HIROSE-DF37NB-24DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results

Similar Description - DF37

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A Datasheet
562Kb / 6P
0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com