Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF37 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF37
Description  0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF37 Datasheet(HTML) 4 Page - Hirose Electric

  DF37 Datasheet HTML 1Page - Hirose Electric DF37 Datasheet HTML 2Page - Hirose Electric DF37 Datasheet HTML 3Page - Hirose Electric DF37 Datasheet HTML 4Page - Hirose Electric DF37 Datasheet HTML 5Page - Hirose Electric DF37 Datasheet HTML 6Page - Hirose Electric DF37 Datasheet HTML 7Page - Hirose Electric DF37 Datasheet HTML 8Page - Hirose Electric DF37 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
114
DF37 Seriesq0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
Note 1: Tape and reel packaging (8,000 pieces/reel).
Order by number of reels.
Note 2: This connector is NOT polarized.
sHeaders
B
P=0.4
A
0.15
Vacuum pick-up area : C
0.58(With metal fittings only)
qWith metal fittings
RoHS
YES
Part Number
DF37B-10DP-0.4V(51)
DF37B-16DP-0.4V(51)
DF37B-20DP-0.4V(51)
DF37B-24DP-0.4V(51)
DF37B-30DP-0.4V(51)
DF37B-34DP-0.4V(51)
DF37B-40DP-0.4V(51)
DF37B-50DP-0.4V(51)
DF37B-60DP-0.4V(51)
DF37B-70DP-0.4V(51)
DF37B-74DP-0.4V(51)
CL No.
CL684-3037-0-51
CL684-3057-7-51
CL684-3008-1-51
CL684-3009-4-51
CL684-3010-3-51
CL684-3064-2-51
CL684-3011-6-51
CL684-3012-9-51
CL684-3013-1-51
CL684-3014-4-51
CL684-3071-8-51
Number of Contacts
10
16
20
24
30
34
40
50
60
70
74
A
3.14
4.34
5.17
5.94
7.14
7.94
9.14
11.14
13.14
15.14
15.94
B
1.6
2.8
3.6
4.4
5.6
6.4
7.6
9.6
11.6
13.6
14.4
C
0.8
1.2
1.6
2
2
2.4
2.4
2.8
3.2
3.6
4
D
2.62
3.82
4.62
5.42
6.62
7.42
8.62
10.62
12.62
14.62
15.42
All dimensions: mm
E
3.38
4.58
5.38
6.18
7.38
8.18
9.38
11.38
13.38
15.38
16.18
qWithout metal fittings
RoHS
Part Number
DF37C-10DP-0.4V(51)
DF37C-16DP-0.4V(51)
DF37C-20DP-0.4V(51)
DF37C-24DP-0.4V(51)
DF37C-30DP-0.4V(51)
DF37C-34DP-0.4V(51)
DF37C-40DP-0.4V(51)
DF37C-50DP-0.4V(51)
DF37C-60DP-0.4V(51)
DF37C-70DP-0.4V(51)
DF37C-74DP-0.4V(51)
CL No.
CL684-3039-5-51
CL684-3058-0-51
CL684-3024-8-51
CL684-3025-0-51
CL684-3026-3-51
CL684-3085-2-51
CL684-3027-6-51
CL684-3028-9-51
CL684-3029-1-51
CL684-3030-0-51
CL684-3073-3-51
Number of Contacts
10
16
20
24
30
34
40
50
60
70
74
A
3.14
4.34
5.17
5.94
7.14
7.94
9.14
11.14
13.14
15.14
15.94
B
1.6
2.8
3.6
4.4
5.6
6.4
7.6
9.6
11.6
13.6
14.4
C
0.8
1.2
1.6
2
2
2.4
2.4
2.8
3.2
3.6
4
All dimensions: mm
YES
BRecommended metal mask dimensions
E+0.05
0
D 0
-0.05
B±0.02
P=0.4±0.02
0.23±0.02
B±0.02
P=0.4±0.02
0.23±0.02
BRecommended PCB mounting pattern
E+0.05
0
D 0
-0.05
B±0.02
P=0.4±0.02
0.23±0.02
P=0.4±0.02
B±0.02
0.23±0.02
With metal fittings
Without metal fittings
With metal fittings
Without metal fittings
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com