Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF37 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF37
Description  0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF37 Datasheet(HTML) 2 Page - Hirose Electric

  DF37 Datasheet HTML 1Page - Hirose Electric DF37 Datasheet HTML 2Page - Hirose Electric DF37 Datasheet HTML 3Page - Hirose Electric DF37 Datasheet HTML 4Page - Hirose Electric DF37 Datasheet HTML 5Page - Hirose Electric DF37 Datasheet HTML 6Page - Hirose Electric DF37 Datasheet HTML 7Page - Hirose Electric DF37 Datasheet HTML 8Page - Hirose Electric DF37 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connector style
DS: Receptacle
Contact pitch : 0.4 mm
Terminal type V: SMT vertical mount
Packaging
(51): Embossed tape packaging (8,000 pieces per reel)
(53): Embossed tape packaging (1,000 pieces per reel)
112
DF37 Seriesq0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF 37 N # -
*
* DS - 0.4 V (*
**
*)
sSpecifications
Storage
temperature range
Storage
humidity range
-10°C to +60°C (Note 2)
RH 40% to 70% (Note 2)
sMaterials
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" here refers to products stored for a long period prior to board mounting and use.
The operating temperature and humidity range covers the non-conducting condition of connectors after board mounting
and the temporary storage conditions of transportation, etc.
Item
Specification
Conditions
sOrdering Information
Series name
: DF37N
Configuration
B: With metal fittings
C: Without metal fittings
Number of contacts
10, 16, 20, 24, 30, 34, 40, 50, 60, 70, 74
1
1
2
3
4
5
6
7
4
3
2
5
6
7
Ratings
Current rating
Voltage rating
0.3 A
30 V AC, DC
Operating
temperature range
Operating
humidity range
-35°C to +85°C (Note 1)
RH 20% to 80%
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
4.Vibration
5.Humidity
6.Temperature cycle
7.Durability
8.Resistance to
soldering heat
50 Mø min
No flashover or insulation breakdown
100 mø max.
No electrical discontinuity of 1 µs or longer
No damage or parts dislocation
Contact resistance: 100 mø max.,
Insulation resistance: 25 Mø min.
Contact resistance: 100 mø max.,
Insulation resistance: 50 Mø min.
No damage or parts dislocation
Contact resistance: 100 mø max.
No deformation of components affecting
performance
100 V DC
100 V AC / 1minute
20 mV AC, 1 kHz, 1 mA
Frequency: 10 to 55 Hz, single amplitude of 0.75
mm, 2 hours, 3 axis
96 hours at 40 ±2°C and humidity of 90 to 95%
No damage or parts dislocation
-55°C ➝ 5 to 35°C ➝ 85°C ➝ 5 to 35°C
Time: 30 min. ➝ 10 min. ➝ 30 min. ➝ 10 min.
5 cycles
10 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350°C for 3 seconds
Receptacle
Insulator
LCP
Color: Black
UL94V-0
Part
Material
Finish
Remarks
Header
Contacts
Phosphor bronze
Gold plated
---------------
Part
Material
Finish
Remarks
qReceptacles
Connector style
DP: Header
Contact pitch : 0.4 mm
Terminal type V: SMT vertical mount
Packaging
(51): Embossed tape packaging (8,000 pieces per reel)
(53): Embossed tape packaging (1,000 pieces per reel)
DF 37 # -
*
* DP - 0.4 V (*
**
*)
Series name
: DF37
Configuration
B: With metal fittings
C: Without metal fittings
Number of contacts
10, 16, 20, 24, 30, 34, 40, 50, 60, 70, 74
1
1
2
3
4
5
6
7
4
3
2
5
6
7
qHeaders
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com