Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151D2R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8151D2R2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2R2G Datasheet(HTML) 2 Page - ON Semiconductor

  CS8151D2R2G Datasheet HTML 1Page - ON Semiconductor CS8151D2R2G Datasheet HTML 2Page - ON Semiconductor CS8151D2R2G Datasheet HTML 3Page - ON Semiconductor CS8151D2R2G Datasheet HTML 4Page - ON Semiconductor CS8151D2R2G Datasheet HTML 5Page - ON Semiconductor CS8151D2R2G Datasheet HTML 6Page - ON Semiconductor CS8151D2R2G Datasheet HTML 7Page - ON Semiconductor CS8151D2R2G Datasheet HTML 8Page - ON Semiconductor CS8151D2R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CS8151
http://onsemi.com
2
PIN CONNECTIONS AND MARKING DIAGRAMS
VIN
VOUT
NC
Sense
WDI
GND
GND
GND
GND
GND
Wake Up
NC
RESET
NC
Delay
NC
SO−16L
CASE 751G
16
1
114
NC
GND
GND
GND
Sense
VOUT
Delay
RESET
Wake Up
GND
GND
GND
WDI
VIN
SO−14L
CASE 751A
A
= Assembly Location
WL
= Wafer Lot
Y, YY
= Year
WW
= Work Week
G
= Pb−Free Package
D2PAK−7
CASE 936AB
CS
8151
AWLYWWG
1
Tab = GND
Pin 1. VOUT
2. VIN
3. WDI
4. GND
5. Wake Up
6. RESET
7. Delay
Figure 1. Block Diagram
VIN
Delay
WDI
RESET
VOUT
Wake Up
Sense
GND
Overvoltage
Shutdown
Current Source
(Circuit Bias)
Current
Limit
Sense
Wake Up
Circuit
+ −
Timing
Circuit
Watchdog
Circuit
Thermal
Shutdown
Falling Edge
Detector
Bandgap
Reference
RESET
Circuit
Error
Amplifier
VOUT
VOUT
Internally
connected
on D2PAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com