Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151D2R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8151D2R2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2R2G Datasheet(HTML) 1 Page - ON Semiconductor

  CS8151D2R2G Datasheet HTML 1Page - ON Semiconductor CS8151D2R2G Datasheet HTML 2Page - ON Semiconductor CS8151D2R2G Datasheet HTML 3Page - ON Semiconductor CS8151D2R2G Datasheet HTML 4Page - ON Semiconductor CS8151D2R2G Datasheet HTML 5Page - ON Semiconductor CS8151D2R2G Datasheet HTML 6Page - ON Semiconductor CS8151D2R2G Datasheet HTML 7Page - ON Semiconductor CS8151D2R2G Datasheet HTML 8Page - ON Semiconductor CS8151D2R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2008
October, 2008 − Rev. 18
1
Publication Order Number:
CS8151/D
CS8151
5.0 V, 100 mA Low Dropout
Linear Regulator with
Watchdog, RESET,
and Wake Up
The CS8151 is a precision 5.0 V, 100 mA micro−power voltage
regulator with very low quiescent current (400
mA typical at 200 mA
load). The 5.0 V output is accurate within
±2% and supplies 100 mA
of load current with a typical dropout voltage of 400 mV.
Microprocessor control logic includes Watchdog, Wake Up and
RESET. This unique combination of low quiescent current and full
microprocessor control makes the CS8151 ideal for use in battery
operated, microprocessor controlled equipment.
The CS8151 Wake Up function brings the microprocessor out of
Sleep mode. The microprocessor in turn, signals its Wake Up status
back to the CS8151 by issuing a Watchdog signal.
The Watchdog logic function monitors an input signal (WDI) from
the microprocessor. The CS8151 responds to the falling edge of the
Watchdog signal which it expects at least once during each wake−up
period. When the correct Watchdog signal is received, a falling edge is
issued on the wake−up signal line.
RESET is independent of VIN and operates correctly to an output
voltage as low as 1.0 V. A RESET signal is issued in any of three
situations. During power up the RESET is held low until the output
voltage is in regulation. During operation if the output voltage shifts
below the regulation limits, the RESET toggles low and remains low
until proper output voltage regulation is restored. And finally, a
RESET signal is issued if the regulator does not receive a Watchdog
signal within the Wake Up period.
The RESET pulse width, Wake Up signal frequency, and Wake Up
delay time are all set by one external capacitor CDelay.
The regulator is protected against short circuit, over voltage, and
thermal runaway conditions. The device can withstand 74 V peak
transients, making it suitable for use in automotive environments.
Features
• 5.0 V ± 2%/100 mA Output Voltage
• Micropower Compatible Control Functions
♦ Wake Up
♦ Watchdog
♦ RESET
• Low Dropout Voltage: 400 mV @ 100 mA
• Low Sleep Mode Quiescent Current (400 mA Typ)
• Protection Features
♦ Thermal Shutdown
♦ Short Circuit
♦ 74 V Peak Transient Capability
♦ Reverse Transient (−50 V)
• Internally Fused Leads in SO−14L and SO−16L Packages
• These are Pb−Free Devices
SO−16L
DWF SUFFIX
CASE 751G
1
16
D2PAK−7
DPS SUFFIX
CASE 936AB
1
7
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1
14
SOIC−14
D SUFFIX
CASE 751A
See general marking information in the device marking
section on page 2 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - CS8151D2R2G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
logo
ON Semiconductor
CS8151/C ONSEMI-CS8151/C Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
CS8151CGN8 CHERRY-CS8151CGN8 Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
CS8151YDPS7 CHERRY-CS8151YDPS7 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
More results

Similar Description - CS8151D2R2G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com