Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151D2R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8151D2R2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2R2G Datasheet(HTML) 3 Page - ON Semiconductor

  CS8151D2R2G Datasheet HTML 1Page - ON Semiconductor CS8151D2R2G Datasheet HTML 2Page - ON Semiconductor CS8151D2R2G Datasheet HTML 3Page - ON Semiconductor CS8151D2R2G Datasheet HTML 4Page - ON Semiconductor CS8151D2R2G Datasheet HTML 5Page - ON Semiconductor CS8151D2R2G Datasheet HTML 6Page - ON Semiconductor CS8151D2R2G Datasheet HTML 7Page - ON Semiconductor CS8151D2R2G Datasheet HTML 8Page - ON Semiconductor CS8151D2R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CS8151
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Power Dissipation
Internally Limited
−
Output Current (VOUT, RESET, Wake Up)
Internally Limited
−
Reverse Battery
−15
V
Peak Transient Voltage (60 V Load Dump @ VIN = 14 V)
+74
V
Maximum Negative Transient (t < 2.0 ms)
−50
V
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Logic Inputs/Outputs
−0.3 to +6.0
V
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Notes 2 & 3)
260 peak
240 peak
°C
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 seconds max
2. 60 seconds max above 183°C
3. −5°C / +0°C allowable conditions
*The maximum package power dissipation must be observed
ELECTRICAL CHARACTERISTICS (−40°C ≤ TA ≤ 125°C, −40°C ≤ TJ ≤ 150°C, 6.0 V ≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 100 mA,
C2 = 47 mF (ESR < 8.0 W), CDelay = 0.1 mF; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Section
Output Voltage, VOUT
9.0 V < VIN < 16 V
6.0 V < VIN < 26 V, 0 < IOUT < 100 mA
4.90
4.85
5.0
5.0
5.10
5.15
V
V
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 100 mA
−
−
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 100 mA < IOUT < 100 mA
−
10
50
mV
Line Regulation
IOUT = 1.0 mA, 6.0 V < VIN < 26 V
−
10
50
mV
Ripple Rejection
7.0 V < VIN < 17 V @ f = 120 Hz, IOUT = 100 mA
60
75
−
dB
Current Limit
VOUT = 4.5 V
100
250
−
mA
Thermal Shutdown
−
150
180
210
°C
Overvoltage Shutdown
VOUT < 1.0 V
50
56
62
V
Quiescent Current
IOUT = 200 mA (Sleep)
IOUT = 50 mA
IOUT = 100 mA (Wake Up)
−
−
−
0.4
4.0
12
0.75
−
20
mA
mA
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
−
1.0
1.5
mA
RESET
Threshold High (RTH)
RTH VOUT Increasing
VOUT − 0.3
−
VOUT − 0.04
V
Threshold Low (RTL)
RTL VOUT Decreasing
4.5
4.7
4.91
V
Hysteresis
RTH − RTL
150
200
250
mV
Output Low
1.0 V < VOUT RTL, IOUT = 25 mA
−
0.2
0.8
V
Output High
IOUT = 25 mA, VOUT > RTH
3.8
4.2
5.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com