Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151D2R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8151D2R2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2R2G Datasheet(HTML) 4 Page - ON Semiconductor

  CS8151D2R2G Datasheet HTML 1Page - ON Semiconductor CS8151D2R2G Datasheet HTML 2Page - ON Semiconductor CS8151D2R2G Datasheet HTML 3Page - ON Semiconductor CS8151D2R2G Datasheet HTML 4Page - ON Semiconductor CS8151D2R2G Datasheet HTML 5Page - ON Semiconductor CS8151D2R2G Datasheet HTML 6Page - ON Semiconductor CS8151D2R2G Datasheet HTML 7Page - ON Semiconductor CS8151D2R2G Datasheet HTML 8Page - ON Semiconductor CS8151D2R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS8151
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C ≤ TA ≤ 125°C, −40°C ≤ TJ ≤ 150°C, 6.0 V ≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 100 mA,
C2 = 47 mF (ESR < 8.0 W), CDelay = 0.1 mF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
RESET
Current Limit
RESET = 0 V, VOUT > VRTH (Sourcing)
RESET = 5.0 V, VOUT > 1.0 V (Sinking)
0.025
0.1
0.5
12
1.30
80
mA
mA
Delay Time
POR Mode
3.0
5.0
7.0
ms
Watchdog Input
Threshold High
−
−
1.4
2.0
V
Threshold Low
−
0.8
1.3
−
V
Hysteresis
−
25
100
−
mV
Input Current
0 < WDI < 6.0 V
−10
0
+10
mA
Pulse Width
50% WDI Falling Edge to
50% WDI Rising Edge and
50% WDI Rising Edge to
50% WDI Falling Edge
(see Figures 2, 3, and 4)
5.0
−
−
ms
Wake Up Output
Wake Up Period
See Figure 2
30
40
50
ms
Wake Up Duty Cycle Nominal
See Figure 4
40
50
60
%
RESET High to
Wake Up Rising Delay Time
50% RESET Rising Edge to
50% Wake Up Edge
(see Figures 2, 3, and 4)
15
20
25
ms
Wake Up Response to
Watchdog Input
50% WDI Falling Edge to
50% Wake Up Falling Edge
−
2.0
10
ms
Wake Up Response to
RESET
50% RESET Falling Edge to
50% Wake Up Falling Edge,
VOUT = 5.0 V → 4.5 V
−
2.0
10
ms
Output Low
IOUT = 25 mA (Sinking)
−
0.2
0.8
V
Output High
IOUT = 25 mA (Sourcing)
3.8
4.2
5.1
V
Current Limit
Wake Up = 5.0 V
Wake Up = 0 V
0.025
0.05
1.0
−
7.0
3.5
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com