Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8645 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8645
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8645 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP8645 Datasheet HTML 1Page - National Semiconductor (TI) LMP8645 Datasheet HTML 2Page - National Semiconductor (TI) LMP8645 Datasheet HTML 3Page - National Semiconductor (TI) LMP8645 Datasheet HTML 4Page - National Semiconductor (TI) LMP8645 Datasheet HTML 5Page - National Semiconductor (TI) LMP8645 Datasheet HTML 6Page - National Semiconductor (TI) LMP8645 Datasheet HTML 7Page - National Semiconductor (TI) LMP8645 Datasheet HTML 8Page - National Semiconductor (TI) LMP8645 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
For input pins +IN, -IN
±5000V
For all other pins
±2000V
Machine Model
200V
Charge device model
1250V
Supply Voltage (V
S = V
+ - V−)
13.2V
Differential voltage +IN- (-IN)
6V
Voltage at pins +IN, -IN
LMP8645HV
-6V to 80V
LMP8645
-6V to 60V
Voltage at R
G pin
13.2V
Voltage at OUT pin
V- to V+
Storage Temperature Range
-65°C to 150°C
Junction Temperature (Note 3)
150°C
For soldering specifications,
see product folder at www.national.com and
www.national.com/ms/MS/MS-SOLDERING.pdf
Operating Ratings (Note 1)
Supply Voltage (V
S = V
+ - V−)
2.7V to 12V
Temperature Range (Note 3)
-40°C to 125°C
Package Thermal Resistance(Note 3)
TSOT-6
96°C/W
2.7V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits guaranteed for at T
A = 25°C, VS=V
+ – V-, V+ = 2.7V, V− = 0V, −2V < V
CM < 76V, RG= 25kΩ,
R
L = 10 MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 2.1V
-1
-1.7
1
1.7
mV
TCV
OS
Input Offset Voltage Drift(Note 7,
Note 9)
V
CM = 2.1V
7
μV/°C
I
B
Input Bias Current(Note 10)
V
CM = 2.1V
12
20
μA
e
ni
Input Voltage Noise (Note 9)
f > 10 kHz, R
G = 5 kΩ
120
nV/
V
SENSE(MAX)
Max Input Sense Voltage (Note 9) V
CM = 12V, RG = 5 kΩ
600
mV
Gain A
V
Adjustable Gain Setting (Note 9)
V
CM = 12V
1
100
V/V
Gm
Transconductance
V
CM = 2.1V
200
µA/V
Accuracy
V
CM = 2.1V
-2
-3.4
2
3.4
%
Gm drift(Note 9)
−40°C to 125°C, V
CM=2.1V
140
ppm /°C
PSRR
Power Supply Rejection Ratio
V
CM = 2.1V, 2.7V < V
+ < 12V
90
dB
CMRR
Common Mode Rejection Ratio
LMP8645HV 2.1V < V
CM < 76V
LMP8645 2.1V < V
CM< 42V
95
dB
-2V <V
CM < 2V
60
BW
−3 dB Bandwidth (Note 9)
R
G = 10 kΩ,, CG = 4 pF VSENSE = 400 mV,
C
L = 30 pF ,RL= 1MΩ
990
kHz
R
G = 25 kΩ, CG = 4 pF, VSENSE = 200 mV,
C
L = 30 pF, RL = 1MΩ
260
Rg = 50k
Ω, C
G = 4 pF, VSENSE = 100 mV,
C
L = 30 pF, RL = 1MΩ
135
SR
Slew Rate(Note 8, Note 9)
V
CM =5V, CG = 4 pF, VSENSE from 25 mV
to 175 mV, C
L = 30 pF, RL = 1MΩ
0.5
V/µs
I
S
Supply Current
V
CM = 2.1V
380
525
710
uA
V
CM = −2V
2000
2500
2700
V
OUT
Maximum Output Voltage
V
CM = 2.1V, Rg= 500 kΩ
1.2
V
Minimum Output Voltage
V
CM = 2.1V
20
mV
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com