Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8645 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8645
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8645 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMP8645 Datasheet HTML 1Page - National Semiconductor (TI) LMP8645 Datasheet HTML 2Page - National Semiconductor (TI) LMP8645 Datasheet HTML 3Page - National Semiconductor (TI) LMP8645 Datasheet HTML 4Page - National Semiconductor (TI) LMP8645 Datasheet HTML 5Page - National Semiconductor (TI) LMP8645 Datasheet HTML 6Page - National Semiconductor (TI) LMP8645 Datasheet HTML 7Page - National Semiconductor (TI) LMP8645 Datasheet HTML 8Page - National Semiconductor (TI) LMP8645 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
OUT
Output current (Note 9)
Sourcing, V
OUT= 600mV, Rg = 150kΩ
5
mA
Sinking, V
OUT= 600mV, Rg = 150kΩ
5
C
LOAD
Max Output Capacitance Load
(Note 9)
30
pF
5V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits guaranteed for at T
A = 25°C, VS=V
+-V-, V+ = 5V, V− = 0V, −2V < V
CM < 76V, Rg= 25kΩ, RL =
10 M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 2.1V
-1
-1.7
1
1.7
mV
TCV
OS
Input Offset Voltage Drift(Note 7,
Note 9)
V
CM = 2.1V
7
μV/°C
I
B
Input Bias Current(Note 10)
V
CM = 2.1V
12.5
22
μA
e
ni
Input Voltage Noise (Note 9)
f > 10 kHz, R
G = 5 kΩ
120
nV/
V
SENSE(MAX)
Max Input Sense Voltage (Note 9) V
CM = 12V, RG = 5 kΩ
600
mV
Gain A
V
Adjustable Gain Setting (Note 9)
V
CM = 12V
1
100
V/V
Gm
Transconductance
V
CM = 2.1V
200
µA/V
Accuracy
V
CM = 2.1V
-2
-3.4
2
3.4
%
Gm drift (Note 9)
−40°C to 125°C, V
CM= 2.1V
140
ppm /°C
PSRR
Power Supply Rejection Ratio
V
CM = 2.1V, , 2.7V < V
+ < 12V
90
dB
CMRR
Common Mode Rejection Ratio
LMP8645HV 2.1V <V
CM < 76V
LMP8645 2.1V <V
CM< 42V
95
dB
-2V < V
CM < 2V
60
BW
−3 dB Bandwidth (Note 9)
R
G= 10 kΩ, CG = 4 pF VSENSE = 400 mV,
C
L = 30 pF, RL = 1MΩ
850
kHz
R
G= 25 kΩ, CG = 4 pF, VSENSE = 300 mV,
C
L = 30 pF, RL = 1MΩ
260
R
G= 50 kΩ, CG = 4 pF, VSENSE = 300mV,
C
L = 30 pF, RL = 1MΩ
140
SR
Slew Rate(Note 8, Note 9)
V
CM = 5V, CG = 4 pF, VSENSE from 100 mV
to 500 mV, C
L = 30 pF, RL= 1MΩ
0.5
V/µs
I
S
Supply Current
V
CM = 2.1V
450
610
780
uA
V
CM = −2V
2100
2800
3030
V
OUT
Maximum Output Voltage
V
CM =5V, Rg= 500 kΩ
3.3
V
Minimum Output Voltage
V
CM =2.1V
22
mV
I
OUT
Output current (Note 9)
Sourcing, V
OUT= 1.65V, Rg= 150kΩ
5
mA
Sinking, V
OUT= 1.65V, Rg= 150kΩ
5
C
LOAD
Max Output Capacitance Load
(Note 9)
30
pF
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com