Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8645 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8645
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8645 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMP8645 Datasheet HTML 8Page - National Semiconductor (TI) LMP8645 Datasheet HTML 9Page - National Semiconductor (TI) LMP8645 Datasheet HTML 10Page - National Semiconductor (TI) LMP8645 Datasheet HTML 11Page - National Semiconductor (TI) LMP8645 Datasheet HTML 12Page - National Semiconductor (TI) LMP8645 Datasheet HTML 13Page - National Semiconductor (TI) LMP8645 Datasheet HTML 14Page - National Semiconductor (TI) LMP8645 Datasheet HTML 15Page - National Semiconductor (TI) LMP8645 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
30071605
FIGURE 3. Allowed Gains for CASE 2
Also in this case once selected the R
GAIN (Gain) the VSENSE
range is fixed too.
Case 3
V
CM ≥ VS
The max voltage at the R
G pin is Vout_max, it means that
V
OUT = VSENSE * RGAIN/RIN ≤ Vout_max where Vout_max is
the maximum allowable output voltage according to the Elec-
trical Tables.So all the R
GAIN resistors which respect the
previous inequality are allowed. The graphical representation
in
helps in the selection; all the combinations (V
SENSE,
R
GAIN) below the curves are allowed.
30071606
FIGURE 4. Allowed Gains for CASE 3
Also in this case once selected the R
GAIN (Gain) the VSENSE
range is fixed too.
From the cases showed above a good way to maximize the
output voltage swing of the LMP8645 is to select the max al-
lowable Rgain according to the previous equations. For a
fixed supply voltage and Vsense as the common mode volt-
age increases, the max allowable Rgain increases too.
DRIVING ADC
The input stage of an Analog to Digital converter can be mod-
eled with a resistor and a capacitance versus ground. So if
the voltage source doesn't have a low impedance an error in
the amplitude's measurement will occur. In this case a buffer
is needed to drive the ADC. The LMP8645 has an internal
output buffer able to drive a capacitance load up to 30 pF or
the input stage of an ADC. If required an external low pass
RC filter can be added at the output of the LMP8645 to reduce
the noise and the bandwidth of the current sense. Any other
filter solution which implies a capacitance connected to the
R
G pin is not suggested due to the high impedance of that pin.
30071631
FIGURE 5. LMP8645 to ADC interface
SENSING CURRENT IN LED DRIVER APPLICATIONS
The LMP8645 is the right choice in the applications which re-
quires high side current sense, such as High Brightness LED
for automotive where the LED's cathode has to be connected
to the case (ground) of the car. In this case the classical low
side current sense with a shunt resistor connected between
the LED's cathode and the case doesn't guarantee the ground
connection. In Figure 6, the LMP8645 monitors the current for
the LM3406 a constant current buck regulator. The LMP8645
is supplied by the internal LDO of the LM3406 thorough the
pin VCC, the current which flows in the LED is programmed
according the following formula: I
F= VCS/(RS*Gain), where
Gain = R
GAIN*Gm and VCS=200 mV. In this application the
current which flows in the HB LED is in the range between
350 mA and 1A, so in order to reduce the power dissipation
on the shunt resistor and have a good accuracy, the R
S should
be in the range between 50 m
Ω and 200 mΩ. In the table
below two examples are analyzed.
I
F=350mA
I
F=1A
R
GAIN
40k
Ω
36k
Ω
R
S
77m
Ω
27m
Ω
Dissipated Power 9.5mW
27mW
Total Accuracy
≊5%
≊5%
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com