Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8645 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8645
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8645 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP8645 Datasheet HTML 1Page - National Semiconductor (TI) LMP8645 Datasheet HTML 2Page - National Semiconductor (TI) LMP8645 Datasheet HTML 3Page - National Semiconductor (TI) LMP8645 Datasheet HTML 4Page - National Semiconductor (TI) LMP8645 Datasheet HTML 5Page - National Semiconductor (TI) LMP8645 Datasheet HTML 6Page - National Semiconductor (TI) LMP8645 Datasheet HTML 7Page - National Semiconductor (TI) LMP8645 Datasheet HTML 8Page - National Semiconductor (TI) LMP8645 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMP8645/LMP8645HV
July 1, 2010
Precision High Voltage Current Sense Amplifier
General Description
The LMP8645 and the LMP8645HV are precision current
sense amplifiers that detect small differential voltages across
a sense resistor in the presence of high input common mode
voltages with a supply voltage range from 2.7V to 12V.
The LMP8645 accepts input signals with common mode volt-
age range from -2V to 42V, while the LMP8645HV accepts
input signal with common mode voltage range from -2V to
76V. The LMP8645 and LMP8645HV have adjustable gain
for applications where supply current and high common mode
voltage are the determining factors. The gain is configured
with a single resistor, providing a high level of flexibility, the
accuracy could be as low as 2% (max) including the gain set-
ting resistor. The output is buffered in order to provide low
output impedance. This high side current sense amplifier is
ideal for sensing and monitoring currents in DC or battery
powered systems, excellent AC and DC specifications over
temperature, and keeps errors in the current sense loop to a
minimum. The LMP8645 is an ideal choice for industrial, au-
tomotive and consumer applications, and it is available in
TSOT-6 package.
Features
Typical values, T
A = 25°C
■ High common-mode voltage range
— LMP8645
-2V to 42V
— LMP8645HV
-2V to 76V
■ Supply voltage range
2.7V to 12V
■ Gain configurable with a single resistor
■ Max variable gain accuracy (with external resistor) 2.0%
■ Transconductance
200 μA/V
■ Low offset voltage
1 mV
■ Input bias
12 μA
■ PSRR
90 dB
■ CMRR
95 dB
■ Temperature range
−40°C to 125°C
■ 6-Pin TSOT Package
Applications
■ High-side current sense
■ Vehicle current measurement
■ Motor controls
■ Battery monitoring
■ Remote sensing
■ Power management
Typical Application
30071632
LMP™ is a trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
300716
www.national.com


Similar Part No. - LMP8645

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
LMP8645 TI2-LMP8645 Datasheet
1Mb / 31P
LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
REVISED MAY 2022
LMP8645HV TI1-LMP8645HV Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
LMP8645HV TI2-LMP8645HV Datasheet
1Mb / 31P
LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
REVISED MAY 2022
LMP8645HVMK TI1-LMP8645HVMK Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8645

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com