Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6377 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FS6377 Datasheet HTML 7Page - ON Semiconductor FS6377 Datasheet HTML 8Page - ON Semiconductor FS6377 Datasheet HTML 9Page - ON Semiconductor FS6377 Datasheet HTML 10Page - ON Semiconductor FS6377 Datasheet HTML 11Page - ON Semiconductor FS6377 Datasheet HTML 12Page - ON Semiconductor FS6377 Datasheet HTML 13Page - ON Semiconductor FS6377 Datasheet HTML 14Page - ON Semiconductor FS6377 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
FS6377
6.2 Power-Down
All power-down functions are controlled by enable bits. The bits select which portions of the device to power-down when the PD input is
asserted.
Table 4: Power-Down Bits
Name
Description
Power-Down PLL A
PDPLL_A
(Bit 21)
Bit = 0
Bit = 1
Power on
Power off
Power-Down PLL B
PDLL_B
(Bit 45)
Bit = 0
Bit = 1
Power on
Power off
Power-Down PLL C
PDLL_C
(Bit 69)
Bit = 0
Bit = 1
Power on
Power off
Reserved (0)
(Bit 69)
Set these reserved bits to zero (0)
Power-Down POST Divider A
PDPOSTA
(Bit 120)
Bit = 0
Bit = 1
Power on
Power off
Power-Down POST Divider B
PDPOSTB
(Bit 121)
Bit = 0
Bit = 1
Power on
Power off
Power-Down POST Divider C
PDPOSTC
(Bit 122)
Bit = 0
Bit = 1
Power on
Power off
Power-Down POST Divider D
PDPOSTD
(Bit 123)
Bit = 0
Bit = 1
Power on
Power off
Table 5: Divider Control Bits
Name
Description
REFDIV_A[7:0]
(Bits 7-0)
Reference Divider A (NR)
REFDIV_B[7:0]
(Bits 31-24)
Reference Divider B (NR)
REFDIV_C1[7:0]
(Bits 55-48)
Reference Divider C1 (NR)
selected when the SEL_CD pin = 0
REFDIV_C2[7:0]
(Bits 79-72)
Reference Divider C2 (NR)
selected when the SEL_CD pin = 1
Feedback Divider A (NF)
FBKDIV_A[10:0]
(Bits 18-8)
FBKDIV_A[2:0]
FBKDIV_A[10:3]
A-Counter value
M-Counter value
Feedback Divider B (NF)
FBKDIV_B[10:0]
(Bits 42-32)
FBKDIV_B[2:0]
FBKDIV_B[10:3]
A-Counter value
M-Counter value
Feedback Divider C1 (NF)
selected when the SEL_CD pin = 0
FBKDIV_C1[10:0]
(Bits 66-56)
FBKDIV_C1[2:0]
FBKDIV_C1[10:3]
A-Counter value
M-Counter value
Feedback Divider C2 (NF)
selected when the SEL_CD pin = 1
FBKDIV_C2[10:0]
(Bits 90-80)
FBKDIV_C2[2:0]
FBKDIV_C2[10:3]
A-Counter value
M-Counter value
Rev. 4 | Page 11 of 24 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com