Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6377 Datasheet(PDF) 18 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FS6377 Datasheet HTML 14Page - ON Semiconductor FS6377 Datasheet HTML 15Page - ON Semiconductor FS6377 Datasheet HTML 16Page - ON Semiconductor FS6377 Datasheet HTML 17Page - ON Semiconductor FS6377 Datasheet HTML 18Page - ON Semiconductor FS6377 Datasheet HTML 19Page - ON Semiconductor FS6377 Datasheet HTML 20Page - ON Semiconductor FS6377 Datasheet HTML 21Page - ON Semiconductor FS6377 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
FS6377
Table 13: AC Timing Specifications
Parameter
Symbol
Conditions/Descriptions
Clock
(MHz)
Min.
Typ.
Max.
Units
Overall
Output frequency*
fO
VDD = 5.5V
VDD = 3.6V
0.8
0.8
150
100
MHz
VCO frequency*
fVCO
VDD = 5.5V
VDD = 3.6V
40
40
230
170
MHz
VCO gain*
AVCO
400
MHz/V
Loop filter time constant*
LFTC bit = 0
LFTC bit = 1
7
20
µs
Rise time*
tr
VO = 0.5V to 4.5V; CL = 15pF
VO = 0.3V to 3.0V; CL = 15pF
1.9
1.6
ns
Fall time*
tr
VO = 4.5V to 0.5V; CL = 15pF
VO = 3.0V to 0.3V; CL = 15pF
1.8
1.5
ns
Tristate enable delay*
tPZL, tPZH
1
8
ns
Tristate disable delay*
tPZL, tPZH
1
8
ns
Clock stabilization time*
tSTB
Output active from power-up, via PD pin
After last register is written
100
1
µs
ms
Divider Modulus
Feedback divider
NF
See Table 2
8
2047
Reference divider
NR
1
255
Post divider
NP
See Table 8
1
50
Clock Outputs (PLL A clock via CLK_A pin) Approximate
Duty cycle*
Ratio of pulse width (as measured from rising edge
to next falling edge at 2.5V) to one clock period
100
45
55
%
Jitter, long term (
σy(τ))*
tj(LT)
On rising edges 500µs apart at 2.5V relative to an
ideal clock, CL = 15pF, fXIN = 14.318MHz, NF= 220,
NR = 63, NPX = 50, no other PLLs active
On rising edges 500µs apart at 2.5V relative to an
ideal clock, CL = 15pF, fXIN = 14.318MHz, NF= 220,
NR = 63, NPX = 50, all other PLLs active (B = 60MHz,
C = 40MHz, D = 14.318MHz)
100
50
45
165
ps
Jitter, period (peak-peak)*
tj(ΔP)
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, NF= 220, NR = 63,
NPX = 50, no other PLLs active
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, NF= 220, NR = 63,
NPX = 50, all other PLLs active (B = 60MHz,
C = 40MHz, D = 14.318MHz)
100
50
110
390
ps
Clock Outputs (PLL B clock via CLK_B pin) Approximate
Duty cycle*
Ratio of pulse width (as measured from rising edge
to next falling edge at 2.5V) to one clock period
100
45
55
%
Jitter, long term (
σy(τ))*
tj(LT)
On rising edges 500µs apart at 2.5V relative to an
ideal clock, CL = 15pF, fXIN = 14.318MHz, NF= 220,
NR = 63, NPX = 50, no other PLLs active
On rising edges 500µs apart at 2.5V relative to an
ideal clock, CL = 15pF, fXIN = 14.318MHz, NF= 220,
NR = 63, NPX = 50, all other PLLs active (A = 50MHz,
C = 40MHz, D = 14.318MHz)
100
60
45
75
ps
Jitter, period (peak-peak)*
tj(ΔP)
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, NF= 220, NR = 63,
NPX = 50, no other PLLs active
From rising edge to the next rising edge at 2.5V,
CL = 15pF, fXIN = 14.318MHz, NF= 220, NR = 63,
NPX = 50, all other PLLs active (A = 50MHz,
C = 40MHz, D = 14.318MHz)
100
60
120
400
ps
Rev. 4 | Page 18 of 24 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com