Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6377 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FS6377 Datasheet HTML 16Page - ON Semiconductor FS6377 Datasheet HTML 17Page - ON Semiconductor FS6377 Datasheet HTML 18Page - ON Semiconductor FS6377 Datasheet HTML 19Page - ON Semiconductor FS6377 Datasheet HTML 20Page - ON Semiconductor FS6377 Datasheet HTML 21Page - ON Semiconductor FS6377 Datasheet HTML 22Page - ON Semiconductor FS6377 Datasheet HTML 23Page - ON Semiconductor FS6377 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
FS6377
Table 16: 16-pin SOIC (0.150") Package Characteristics
Parameter
Symbol
Conditions/Description
Typ.
Units
Thermal impedance, junction to free-
air16-pin 0.150” SOIC
ΘJA
Air flow = 0m/s
110
°C/W
Lead inductance, self
L11
Corner lead
Center lead
4.0
3.0
nH
Lead inductance, mutual
L12
Any lead to any adjacent lead
0.4
nH
Lead capacitance, bulk
C11
Any lead to VSS
0.5
pF
9.0 Ordering Information
Part Number
Package
Shipping Configuration
Temperature Range
FS6377-01G-XTD
16-pin (0.150”) SOIC
(small outline package)
‘Green’ or lead-free packaging
Tube/Tray
0°C to 70°C (commercial)
FS6377-01G-XTP
16-pin (0.150”) SOIC
(small outline package)
‘Green’ or lead-free packaging
Tape & Reel
0°C to 70°C (commercial)
FS6377-01iG-XTD
16-pin (0.150”) SOIC
(small outline package)
‘Green’ or lead-free packaging
Tube/Tray
-40°C to 85°C (industrial)
FS6377-01iG-XTP
16-pin (0.150”) SOIC
(small outline package)
‘Green’ or lead-free packaging
Tape & Reel
-40°C to 85°C (industrial)
10.0 Demonstration Software
Windows XP- (and earlier) based software is available from ON Semiconductor that illustrates the capabilities of the FS6377 and aids in
application development.
Contact your local sales representative for more information.
10.1 Software Requirements
• PC running MS Windows 95/98, 98 SE, ME, NT4, 2000, XP Home Edition, or XP Professional Edition
• 1.8MB available space on hard drive C
• Internet access to operate program found at www.amis.com/products/clocks/FS6377.html
10.2 Demo Program Operation
Launch the demo program from the website. Note that the parallel port cannot be accessed if your machine is not connected to the
demo board. A warning message will appear as shown in Figure 13.
Clicking “Ignore” starts the program for calculation only.
The FS6377 demo hardware is available on a limited basis for demonstration by an ON SEMICONDUCTOR field applications engineer,
but is no longer available for purchase.
The opening screen is shown in Figure 14.
Rev. 4 | Page 21 of 24 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com