Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6377 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FS6377
Description  Programmable 3-PLL Clock Generator IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6377 Datasheet(HTML) 2 Page - ON Semiconductor

  FS6377 Datasheet HTML 1Page - ON Semiconductor FS6377 Datasheet HTML 2Page - ON Semiconductor FS6377 Datasheet HTML 3Page - ON Semiconductor FS6377 Datasheet HTML 4Page - ON Semiconductor FS6377 Datasheet HTML 5Page - ON Semiconductor FS6377 Datasheet HTML 6Page - ON Semiconductor FS6377 Datasheet HTML 7Page - ON Semiconductor FS6377 Datasheet HTML 8Page - ON Semiconductor FS6377 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
FS6377
Figure 2: Block Diagram
Table 1: Pin Descriptions
Pin
Type
Name
Description
1
DI
UO
SDA
Serial interface data input/output
2
DI
U
SEL_CD
Selects one of two PLL C, mux D/C and post divider C/D combinations
3
DI
U
PD
Power-down input
4
P
VSS
Ground
5
AI
XIN
Crystal oscillator input
6
AO
XOUT
Crystal oscillator output
7
DI
U
OE
Output enable input
8
P
VDD
Power supply (5V to 3.3V)
9
DI
U
ADDR
Address select
10
DO
CLK_D
D clock output
11
P
VSS
Ground
12
DO
CLK_C
C clock output
13
DO
CLK_B
B clock output
14
P
VDD
Power supply (5V to 3.3V)
15
DO
CLK_A
A clock output
16
DI
U
SCL
Serial interface clock output
Key: AI: Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-up; DID = Input with Internal Pull-down; DIO = Digital Input/Output;
DI-3 = Three-level Digital Input; DO = Digital Output; P = Power/Ground; # = Active Low Pin
Rev. 4 | Page 2 of 24 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com