Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV821
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 8Page - Texas Instruments LMV821 Datasheet HTML 9Page - Texas Instruments LMV821 Datasheet HTML 10Page - Texas Instruments LMV821 Datasheet HTML 11Page - Texas Instruments LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
www.ti.com
LMV8xxI 5-V Electrical Characteristics
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
V
CC+ = 5 V, VCC– = 0 V, VIC = 2 V, VO = 2.5 V, and RL > 1 MΩ (unless otherwise noted)
LMV8xxI
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
25
°C
1
3.5
VIO
Input offset voltage
mV
–40
°C to 125°C
5.5
Average temperature coefficient
α
VIO
25
°C
1
µV/°C
of input offset voltage
25
°C
40
100
IIB
Input bias current
nA
–40
°C to 125°C
150
25
°C
0.5
30
IIO
Input offset current
nA
–40
°C to 125°C
50
25
°C
72
90
CMRR Common-mode rejection ratio
VIC = 0 to 4 V
dB
–40
°C to 125°C
70
25
°C
75
85
Positive supply-voltage
VCC+ = 1.7 V to 4 V, VCC– = –1 V,
+kSVR
dB
rejection ratio
VO = 0, VIC = 0
–40
°C to 125°C
70
25
°C
73
85
Negative supply-voltage
VCC+ = 1.7 V, VCC– = –1 V to –3.3 V,
–kSVR
dB
rejection ratio
VO = 0, VIC = 0
–40
°C to 125°C
70
Common-mode input
–0.2
–0.3
VICR
CMRR
≥ 50 dB
25
°C
V
voltage range
to 4.2
to 4.3
25
°C
95
105
RL = 600 Ω to 2.5 V,
Sourcing
VO = 2.5 V to 4.5 V
–40
°C to 125°C
90
25
°C
95
105
RL = 600 Ω to 2.5 V,
Sinking
VO = 2.5 V to 0.5 V
–40
°C to 125°C
90
Large-signal voltage
AV
dB
amplification
25
°C
95
105
RL = 2 kΩ to 2.5 V,
Sourcing
VO = 2.5 V to 4.5 V
–40
°C to 125°C
90
25
°C
95
105
RL = 2 kΩ to 2.5 V,
Sinking
VO = 2.5 V to 0.5 V
–40
°C to 125°C
90
25
°C
4.75
4.84
High level
–40
°C to 125°C
4.6
VCC+ = 5 V,
RL = 600 Ω to 2.5 V
25
°C
0.17
0.25
Low level
–40
°C to 125°C
0.3
VO
Output swing
V
25
°C
4.85
4.9
High level
–40
°C to 125°C
4.8
VCC+ = 5 V,
RL = 2 kΩ to 2.5 V
25
°C
0.1
0.15
Low level
–40
°C to 125°C
0.2
25
°C
20
45
VO = 0 V
Sourcing
–40
°C to 125°C
15
IO
Output current
mA
25
°C
20
40
VO = 5 V
Sinking
–40
°C to 125°C
15
25
°C
0.3
0.4
LMV821
–40
°C to 125°C
0.6
25
°C
0.5
0.7
ICC
Supply current
LMV822 (both amplifiers)
mA
–40
°C to 125°C
0.9
25
°C
1
1.3
LMV824 (all four amplifiers)
–40
°C to 125°C
1.5
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com