Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 15 Page - Texas Instruments

Part # LMV821
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 11Page - Texas Instruments LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments LMV821 Datasheet HTML 17Page - Texas Instruments LMV821 Datasheet HTML 18Page - Texas Instruments LMV821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
www.ti.com
0.01
0.1
1
10
100
0.01
0.1
1
10
Output Voltage Referenced to GND − V
VCC+ = 2.7 V
0.01
0.1
1
10
100
0.01
0.1
1
10
Output Voltage Referenced to GND − V
VCC+ = 5 V
0
10
20
30
40
50
2.6
3
3.4
3.8
4.2
4.6
5
RL = 2 kΩ to Mid Rail
VCC+ − Supply Voltage − V
60
70
80
Negative Swing
Positive Swing
0
10
20
30
40
50
2.6
3
3.4
3.8
4.2
4.6
5
Negative Swing
Positive Swing
RL = 10 kΩ to Mid Rail
VCC+ − Supply Voltage − V
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
T
A = 25°C, VCC+ = 5-V Single Supply (Unless Otherwise Noted)
SINKING CURRENT
SINKING CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 5.
Figure 6.
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com