Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMV821
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments LMV821 Datasheet HTML 17Page - Texas Instruments LMV821 Datasheet HTML 18Page - Texas Instruments LMV821 Datasheet HTML 19Page - Texas Instruments LMV821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
www.ti.com
20
40
60
80
100
120
140
160
0
100
1000
100k
Resistive Load −
Ω
10k
RlL = 5 kΩ to Mid Rail
VCC+ = 5 V
60
80
100
120
140
160
2.6
3
3.4
3.8
4.2
4.6
5
RL = 600 Ω to Mid Rail
VCC+ − Supply Voltage − V
70
90
110
130
150
Negative Swing
Positive Swing
Frequency − Hz
VCC+ = +1.35 V
VCC+ = +2.5 V
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
90
100
110
120
130
140
100
1k
10k
100k
Frequency − Hz
VCC+ = ±2.5 V
VI = 3 VPP
RL = 5 kΩ
AV = 1
150
160
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
T
A = 25°C, VCC+ = 5-V Single Supply (Unless Otherwise Noted)
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
vs
vs
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 9.
Figure 10.
CROSSTALK REJECTION
+PSRR
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com