Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV821
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 9Page - Texas Instruments LMV821 Datasheet HTML 10Page - Texas Instruments LMV821 Datasheet HTML 11Page - Texas Instruments LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments LMV821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.ti.com
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
LMV8xxI 5-V Electrical Characteristics (continued)
V
CC+ = 5 V, VCC– = 0 V, VIC = 2 V, VO = 2.5 V, and RL > 1 MΩ (unless otherwise noted)
LMV8xxI
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
SR
Slew rate
VCC+ = 5 V(1)
25
°C
1.4
1.9
V/
µs
GBW
Gain bandwidth product
(2)
25
°C
5.5
MHz
Φ
m
Phase margin
(2)
25
°C
64.2
deg
Gain margin
(2)
25
°C
8.7
dB
Amplifier-to-amplifier isolation
VCC+ = 5 V, RL = 100 kΩ to 2.5 V(3)
25
°C
135
dB
Vn
Equivalent input noise voltage
f = 1 kHz, VIC = 1 V
25
°C
42
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.2
pA/
√Hz
f = 1 kHz, AV = –2, RL = 10 kΩ,
THD
Total harmonic distortion
25
°C
0.01
%
VO = 4.1 Vp-p
(1)
Connected as voltage follower with 3-V step input. Value specified is the slower of the positive and negative slew rates.
(2)
40-dB closed-loop dc gain, CL = 22 pF
(3)
Each amplifier excited in turn with 1 kHz to produce VO = 3 Vp-p
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com