Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE100MPB2 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE100MPB2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE100MPB2 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  6TPE100MPB2 Datasheet HTML 1Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 2Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 3Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 4Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 5Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 6Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 7Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 8Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Typical Application Circuit
30111801
Connection Diagram
30111872
Top View
7-Lead TO-PMOD
Ordering Information
Order Number
Supplied As
Package Type
NSC Package Drawing
Package Marking
LMZ10503TZE-ADJ
45 Units in a Rail
TO-PMOD-7
TZA07A
LMZ10503TZ-ADJ
LMZ10503TZ-ADJ
250 Units in Tape and Reel
LMZ10503TZX-ADJ
500 Units in Tape and Reel
Pin Descriptions
Pin Number
Name
Description
1
VIN
Power supply input. A low ESR input capacitance should be located as close as possible to the VIN
pin and exposed pad (EP).
2
EN
Active high enable input for the device.
3
SS
Soft-start control pin. An internal 2 µA current source charges an external capacitor connected between
SS and GND pins to set the output voltage ramp rate during startup. The SS pin can also be used to
configure the tracking feature.
4
GND
Power ground and signal ground. Provide a direct connection to the EP. Place the bottom feedback
resistor as close as possible to GND and FB pin.
5
FB
Feedback pin. This is the inverting input of the error amplifier used for sensing the output voltage. Keep
the copper area of this node small.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com