Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE100MPB2 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE100MPB2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE100MPB2 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button 6TPE100MPB2 Datasheet HTML 11Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 12Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 13Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 14Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 15Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 16Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 17Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 18Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LMZ10503 Application Circuit Schematic and BOMs
This section provides several application solutions with an
associated bill of materials. The compensation for each solu-
tion was optimized to work over the full input range. Many
applications have a fixed input voltage rail. It is possible to
modify the compensation to obtain a faster transient response
for a given input voltage operating point.
30111854
FIGURE 2.
TABLE 3. Bill of Materials, V
IN = 3.3V to 5V, VOUT = 2.5V, IOUT (MAX) = 3A, Optimized for Electrolytic Input and Output
Capacitance
Designator
Description
Case Size
Manufacturer
Manufacturer P/N
Quantity
U1
SIMPLE SWITCHER ®
TO-PMOD-7
National
Semiconductor
LMZ10503TZ-ADJ
1
C
in1
150 µF, 6.3V, 18 m
Ω
C2, 6.0 x 3.2 x 1.8 mm
Sanyo
6TPE150MIC2
1
C
O1
330 µF, 6.3V, 18 m
Ω
D3L, 7.3 x 4.3 x 2.8 mm
Sanyo
6TPE330MIL
1
R
fbt
100 k
Ω
0603
Vishay Dale
CRCW0603100KFKEA
1
R
fbb
47.5 k
Ω
0603
Vishay Dale
CRCW060347K5FKEA
1
R
comp
15 k
Ω
0603
Vishay Dale
CRCW060315K0FKEA
1
C
comp
330 pF, ±5%, C0G, 50V
0603
TDK
C1608C0G1H331J
1
C
SS
10 nF, ±10%, X7R, 16V
0603
Murata
GRM188R71C103KA01
1
TABLE 4. Bill of Materials, V
IN = 3.3V, VOUT = 0.8V, IOUT (MAX) = 3A, Optimized for Solution Size and Transient Response
Designator
Description
Case Size
Manufacturer
Manufacturer P/N
Quantity
U1
SIMPLE SWITCHER ®
TO-PMOD-7
National
Semiconductor
LMZ10503TZ-ADJ
1
C
in1, CO1
47 µF, X5R, 6.3V
1206
TDK
C3216X5R0J476M
2
R
fbt
110 k
Ω
0402
Vishay Dale
CRCW0402100KFKED
1
R
comp
1.0 k
Ω
0402
Vishay Dale
CRCW04021K00FKED
1
C
comp
27 pF, ±5%, C0G, 50V
0402
Murata
GRM1555C1H270JZ01
1
C
SS
10 nF, ±10%, X7R, 16V
0402
Murata
GRM155R71C103KA01
1
In the case where the output voltage is 0.8V, it is recommended to remove R
fbb and keep Rfbt, Rcomp, and Ccomp for a type III compensation.
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com