Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE100MPB2 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE100MPB2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE100MPB2 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  6TPE100MPB2 Datasheet HTML 1Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 2Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 3Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 4Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 5Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 6Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 7Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 8Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics Specifications with standard typeface are for T
J = 25°C only; limits in bold face type
apply over the operating junction temperature range T
J of -40°C to 125°C. Minimum and maximum limits are guaranteed through
test, design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25°C, and are provided for
reference purposes only. V
IN = VEN = 3.3V, unless otherwise indicated in the conditions column.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 8)
Max
(Note 7)
Units
PERFORMANCE PARAMETERS
ΔV
OUT
Output Voltage Ripple
Refer to Table 3
V
OUT = 2.5V
Bandwidth Limit = 2 MHz
7
mV
pk-pk
ΔV
OUT
Output Voltage Ripple
Refer to Table 5
Bandwidth Limit = 20 MHz
5
mV
pk-pk
ΔV
FB / VFB
Feedback Voltage Line Regulation
ΔV
IN = 2.95V to 5.5V
I
OUT = 0A
0.04
%
ΔV
OUT / VOUT
Output Voltage Line Regulation
ΔV
IN = 2.95V to 5.5V
I
OUT = 0A, VOUT = 2.5V
0.04
%
ΔV
FB / VFB
Feedback Voltage Load Regulation
I
OUT = 0A to 3A
0.25
%
ΔV
OUT / VOUT
Output Voltage Load Regulation
I
OUT = 0A to 3A
V
OUT = 2.5V
0.25
%
Efficiency
η
Peak Efficiency (1A) V
IN = 5V
V
OUT = 3.3V
96.3
%
V
OUT = 2.5V
94.9
V
OUT = 1.8V
93.3
V
OUT = 1.5V
92.2
V
OUT = 1.2V
90.5
V
OUT = 0.8V
86.9
η
Peak Efficiency (1A) V
IN = 3.3V
V
OUT = 2.5V
95.7
%
V
OUT = 1.8V
94.0
V
OUT = 1.5V
92.9
V
OUT = 1.2V
91.3
V
OUT = 0.8V
87.9
η
Full Load Efficiency (3A) V
IN = 5V
V
OUT = 3.3V
94.8
%
V
OUT = 2.5V
93
V
OUT = 1.8V
90.8
V
OUT = 1.5V
89.3
V
OUT = 1.2V
87.1
V
OUT = 0.8V
82.3
η
Full Load Efficiency (3A) V
IN = 3.3V
V
OUT = 2.5V
92.4
%
V
OUT = 1.8V
89.8
V
OUT = 1.5V
88.2
V
OUT = 1.2V
85.9
V
OUT = 0.8V
80.8
Note 3:
θ
JA measured on a 2.25” x 2.25” (5.8 cm x 5.8 cm) four layer board, with one ounce copper, thirty six 10mil thermal vias, no air flow, and 1W power
dissipation. Refer to PCB Layout Diagrams or Evaluation Board Application Note: AN-2022.
Note 4: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007. See Table 9 and layout for information on device under test.
Note 5: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 6: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22-AI14S.
Note 7: Min and Max limits are 100% production tested at an ambient temperature (T
A) of 25°C. Limits over the operating temperature range are guaranteed
through correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 8: Typical numbers are at 25°C and represent the most likely parametric norm.
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com