Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE100MPB2 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE100MPB2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE100MPB2 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button 6TPE100MPB2 Datasheet HTML 10Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 11Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 12Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 13Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 14Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 15Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 16Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 17Page - National Semiconductor (TI) 6TPE100MPB2 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
the master supply. A value of 33 k
Ω 1% is recommended for
R
trkt as a compromise between high precision and low quies-
cent current through the divider while minimizing the effect of
the 2 µA soft-start current source.
For example, if the master supply voltage V
OUT1 is 3.3V and
the LMZ10503 output voltage was 1.8V, then the value of
R
trkb needed to give the two supplies identical soft-start times
would be 14.3 k
Ω. A timing diagram for this example, the
equal soft-start time case, is shown below.
30111859
Tracking - Equal Slew Rates
Alternatively, the tracking feature can be used to have similar
output voltage ramp rates. This is referred to as simultaneous
startup. In this case, the tracking resistors can be determined
based on the following equation
and to ensure proper overdrive of the SS pin
V
OUT2 < 0.8 x V OUT1
For the example case of V
OUT1 = 5V and VOUT2 = 2.5V, with
R
trkt set to 33 kΩ as before, Rtrkb is calculated from the above
equation to be 15.5 k
Ω. A timing diagram for the case of equal
slew rates is shown below.
30111861
Pre-Bias Startup Capability
At startup, the LMZ10503 is in a pre-biased state when the
output voltage is greater than zero. This often occurs in many
multi-rail applications such as when powering an ASIC, FP-
GA, or DSP. The output can be pre-biased in these applica-
tions through parasitic conduction paths from one supply rail
to another. Even though the LMZ10503 is a synchronous
converter, it will not pull the output low when a pre-bias con-
dition exists. The LMZ10503 will not sink current during start-
up until the soft-start voltage exceeds the voltage on the FB
pin. Since the device does not sink current it protects the load
from damage that might otherwise occur if current is conduct-
ed through the parasitic paths of the load.
Current Limit
When a current greater than the output current limit (I
OCL) is
sensed, the on-time is immediately terminated and the low
side MOSFET is activated. The low side MOSFET stays on
for the entire next four switching cycles. During these skipped
pulses, the voltage on the soft-start pin is reduced by dis-
charging the soft-start capacitor by a current sink on the soft-
start pin of nominally 14 µA. Subsequent over-current events
will drain more and more charge from the soft-start capacitor,
effectively decreasing the reference voltage as the output
droops due to the pulse skipping. Reactivation of the soft-start
circuitry ensures that when the over-current situation is re-
moved, the part will resume normal operation smoothly.
Over-Temperature Protection
When the LMZ10503 senses a junction temperature greater
than 145°C (typ.), both switching MOSFETs are turned off
and the part enters a standby state. Upon sensing a junction
temperature below 135°C (typ.), the part will re-initiate the
soft-start sequence and begin switching once again.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com